Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6598
Description  HIGH VOLTAGE RESONANT CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6598 Datasheet HTML 7Page - STMicroelectronics L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics L6598 Datasheet HTML 10Page - STMicroelectronics L6598 Datasheet HTML 11Page - STMicroelectronics L6598 Datasheet HTML 12Page - STMicroelectronics L6598 Datasheet HTML 13Page - STMicroelectronics L6598 Datasheet HTML 14Page - STMicroelectronics L6598 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
L6598
OP AMP Section
The integrated OP AMP is designed to offer Low Output Impedance, wide band, High input Impedance and wide
Common Mode Range. It can be readily used to implement protection features or a closed loop control. For this
purpose the OP AMP Output can be properly connected to Rfmin pin to adjust the oscillation frequency.
Comparators
Two CMOS comparators are available to perform protection schemes. Short pulses (>= 200ns) on Comparators
Input are recognised. The EN1 input (active High), has a threshold of 0.6V (typical value) forces the L6598 in a
latched shut down state (e.g. LVG Low, HVG low, Oscillator stopped), as in the Under Voltage Conditions. Nor-
mal Operating conditions are resumed after a power-off power-on sequence. The EN2 input (active high), with
a threshold of 1.2V (typical value) restarts a Soft Start sequence (see Timing Diagrams). In addition the EN2
Comparator, when activated, removes a latched shutdown caused by EN1.
Figure 12. Switching Time Waveform Definitions
Figure 13. Dead Time and Duty Cycle Waveform Definition
90%
90%
10%
10%
tf
tr
LVG
90%
90%
10%
10%
tf
tr
HVG
D98IN898
LVG
HVG
t d
50%
50%
t d
50%
50%
T1
50%
Tperiod
Dc =
Tperiod
T1
D98IN899



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com