Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6598
Description  HIGH VOLTAGE RESONANT CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 3 Page - STMicroelectronics

  L6598 Datasheet HTML 1Page - STMicroelectronics L6598 Datasheet HTML 2Page - STMicroelectronics L6598 Datasheet HTML 3Page - STMicroelectronics L6598 Datasheet HTML 4Page - STMicroelectronics L6598 Datasheet HTML 5Page - STMicroelectronics L6598 Datasheet HTML 6Page - STMicroelectronics L6598 Datasheet HTML 7Page - STMicroelectronics L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
L6598
ABSOLUTE MAXIMUM RATINGS
(*) The device is provided of an internal Clamping Zener between GND and the Vs pin, It must not be supplied by a low impedance voltage
source.
Note : ESD immunity for pins 14, 15 and 16 is guaranteed up to 900 (Human Body Model).
RECOMMENDED OPERATING CONDITIONS
(*) If the condition Vboot - Vout < 18 is guaranteed, Vout can range from -3 to 580V.
Symbol
Parameter
Value
Unit
IS
Supply Current at Vcl (*)
25
mA
VLVG
Low Side Output
14.6
V
VOUT
High Side Reference
-1 to VBOOT -18
V
VHVG
High Side Output
-1 to VBOOT
V
VBOOT
Floating Supply Voltage
618
V
dVBOOT/dt
VBOOT pin Slew Rate (repetitive)
±50
V/ns
dVOUT/dt
OUT pin Slew Rate (repetitive)
±50
V/ns
Vir
Forced Input Voltage (pins Rfmin, Rfstart)
-0.3 to 5
V
Vic
Forced Input Volatge (pins Css, Cf)
-0.3 to 5
V
VEN1,VEN2 Enable Input Voltage
-0.3 to 5
V
IEN1,IEN2
Enable Input Current
±3mA
Vopc
Sense Op Amp Common Mode Range
-0.3 to 5
V
Vopd
Sense Op Amp Differential Mode Range
-5 to 5
V
Vopo
Sense Op Amp Output Voltage (forced)
4.6
V
Tstg
Storage Temperature
-40 to +150
°C
Tj
Junction Temperature
-40 to +150
°C
Tamb
Ambient Temperature
-40 to +125
°C
Symbol
Parameter
Value
Unit
VS
Supply Voltage
10 to Vcl
V
Vout (*)
High Side Reference
-1 to Vboot-Vcl
V
Vboot (*)
Floating Supply Rail
500
V
fmax
Maximum Switching Frequency
400
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com