Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6598
Description  HIGH VOLTAGE RESONANT CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics L6598 Datasheet HTML 10Page - STMicroelectronics L6598 Datasheet HTML 11Page - STMicroelectronics L6598 Datasheet HTML 12Page - STMicroelectronics L6598 Datasheet HTML 13Page - STMicroelectronics L6598 Datasheet HTML 14Page - STMicroelectronics L6598 Datasheet HTML 15Page - STMicroelectronics L6598 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
L6598
12/16
Figure 14. Typ. fmin vs. Temperature
Figure 15. Typ. fstart vs. Temperature
Figure 16. Vs thresholds and clamp vs temp.
Figure 17. Start Up Current vs Temperature
Figure 18. Quiescent Current vs Temperature
Figure 19. HVG Source and Sink Current vs.
Temperature
-50
0
50
100
40
50
60
70
T(
°C)
fmin
(KHz)
D98IN895
-50
0
50
100
100
110
120
130
T(
°C)
ffstart
(KHz)
D98IN896
Vs
(V)
T(
°C)
-50
0
50
100
6
8
10
12
14
Vclamp
Vsuvp
Vsuvn
-50
050
100
100
50
150
200
Isu
(
µA)
T(
°C)
-50
0
50
100
T(
°C)
2.3
2.1
1.9
1.7
1.5
Iq @ 12V
Iq @ Vclamp
Iq
(mA)
-50
0
50
100
T(
°C)
200
300
100
400
500
Ihvg source curr.
Ihvg sink curr.
Ihvg
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com