Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6590D
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6590D Datasheet HTML 7Page - STMicroelectronics L6590D Datasheet HTML 8Page - STMicroelectronics L6590D Datasheet HTML 9Page - STMicroelectronics L6590D Datasheet HTML 10Page - STMicroelectronics L6590D Datasheet HTML 11Page - STMicroelectronics L6590D Datasheet HTML 12Page - STMicroelectronics L6590D Datasheet HTML 13Page - STMicroelectronics L6590D Datasheet HTML 14Page - STMicroelectronics L6590D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
L6590
Figure 26. Test Board (1) Main Waveforms
Figure 27. Test Board (2) with Secondary Feedback: Electrical Schematic
Ch2: Vdrain
Vin= 100VDC
Pout = 10 W
Vin= 400VDC
Pout = 10 W
Vin = 100 VDC
Pout = 1 W
Vin= 400VDC
Pout = 1 W
Ch3: Idrain
Ch2: Vdrain
Ch3: Idrain
Ch2: Vdrain
Ch3: Idrain
Ch2: Vdrain
Ch3: Idrain
T1 specification
Core E20/10/6, ferrite 3C85 or N67 or equivalent
≈0.6 mm gap for a primary inductance of 1.4 mH
Lleakage <30 µH
Primary : 128 T, 2 series windings 64T each, AWG32
(∅ 0.22 mm)
Sec : 6 T, 4xAWG32
Aux : 14 T, AWG32
5Vdc / 2 A
C2
22 µF
25V
C4
2.2 nF
Y1
class
C8
220 µF
10V
Rubycon
ZL
C9
100 nF
R2
560
D1
BZW06-154
D3
1N4148
D4 1N5822
OP1
PC817
3
1
2
3
C5, C6, C7
470 µF
16V
Rubycon ZL
R1 10
C3
22 nF
L1
4.7 µH
T1
D2
STTA106
BD1
DF06M
Vin
88 to 264
Vac
F1
2A/250V
L
22 mH
CxA
100 nF
CxB
100 nF
C1
22 µF
400 V
4
2
1
IC2
TL431
R3
2.43 k
R4
2.43 k
R5
2k
3
1
5
4
6, 7, 8
L6590
IC1
R6
6.8 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com