Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6590D
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6590D Datasheet HTML 10Page - STMicroelectronics L6590D Datasheet HTML 11Page - STMicroelectronics L6590D Datasheet HTML 12Page - STMicroelectronics L6590D Datasheet HTML 13Page - STMicroelectronics L6590D Datasheet HTML 14Page - STMicroelectronics L6590D Datasheet HTML 15Page - STMicroelectronics L6590D Datasheet HTML 16Page - STMicroelectronics L6590D Datasheet HTML 17Page - STMicroelectronics L6590D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
L6590
14/23
APPLICATION INFORMATION
In the following sections the functional blocks as well as the most important internal functions of the device will
be described.
Start-up Circuit
When power is first applied to the circuit and the voltage on the bulk capacitor is sufficiently high, an internal
high-voltage current generator is sufficiently biased to start operating and drawing about 4.5 mA through the
primary winding of the transformer and the drain pin. Most of this current charges the bypass capacitor connect-
ed between pin Vcc (3) and ground and makes its voltage rise linearly.
As the Vcc voltage reaches the start-up threshold (14.5V typ.) the chip, after resetting all its internal logic, starts
operating, the internal power MOSFET is enabled to switch and the internal high-voltage generator is discon-
nected. The IC is powered by the energy stored in the Vcc capacitor until the self-supply circuit (typically an
auxiliary winding of the transformer) develops a voltage high enough to sustain the operation.
As the IC is running, the supply voltage, typically generated by a self-supply winding, can range between 16 V
(Overvoltage protection limit, see the relevant section) and 7 V, threshold of the Undervoltage Lockout. Below
this value the device is switched off (and the internal start-up generator is activated). The two thresholds are in
tracking.
The voltage on the Vcc pin is limited at safe values by a clamp circuit. Its 17V threshold tracks the Overvoltage
protection threshold.
Figure 32. Start-up circuit internal schematic
Power MOSFET and Gate Driver
The power switch is implemented with a lateral N-channel MOSFET having a V(BR)DSS of 700V min. and a typ-
ical RDS(on) of 13Ω. It has a SenseFET structure to allow a virtually lossless current sensing (used only for pro-
tection).
During operation in Discontinuous Conduction Mode at low mains the drain voltage is likely to go below ground.
Any risk of injecting the substrate of the IC is prevented by an internal structure surrounding the switch.
The gate driver of the power MOSFET is designed to supply a controlled gate current during both turn-on and
turn-off in order to minimize common mode EMI.
Under UVLO conditions an internal pull-down circuit holds the gate low in order to ensure that the power MOS-
FET cannot be turned on accidentally.
17 V
DRAIN
Vcc
15 M
Ω
UVLO
150
Ω
GND
POWER
MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com