Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6590D
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6590D Datasheet HTML 2Page - STMicroelectronics L6590D Datasheet HTML 3Page - STMicroelectronics L6590D Datasheet HTML 4Page - STMicroelectronics L6590D Datasheet HTML 5Page - STMicroelectronics L6590D Datasheet HTML 6Page - STMicroelectronics L6590D Datasheet HTML 7Page - STMicroelectronics L6590D Datasheet HTML 8Page - STMicroelectronics L6590D Datasheet HTML 9Page - STMicroelectronics L6590D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
L6590
6/23
Figure 3. Start-up Current Generator
Figure 4. IC Consumption Before Start-up
Figure 5. IC Quiescent Current
Figure 6. IC Operating Current
Figure 7. IC Operating Current
Figure 8. Switching Frequency vs.
Temperature
02468
10
12
3
3.5
4
4.5
5
5.5
Vcc [V]
Icc [mA]
Tj = -25 °C
Tj = 25 °C
Tj = 125 °C
Vdrain = 60 V
7
8
9
10
11
12131415
100
200
300
400
500
600
700
Vcc [V]
Icc [µA]
Tj = -25 °C
Tj = 25 °C
Tj = 125 °C
6
8
10
12
14
16
18
3
3.2
3.4
3.6
3.8
4
Vcc [V]
Icc [mA]
Tj = -25 °C
Tj = 25 °C
Tj = 125 °C
VFB = 2.7 V
7
8
9
10
11
12
13
14
15
3
3.5
4
4.5
5
Vcc [V]
Icc [mA]
Tj = -25 °C
Tj = 25 °C
Tj = 125 °C
VFB = 2.3 V
fsw = 65 kHz
7
8
9
10
11
12
13
14
15
3
3.2
3.4
3.6
3.8
4
4.2
4.4
Vcc [V]
Icc [mA]
Tj = -25 °C
Tj = 25 °C
Tj = 125 °C
VFB = 2.3 V
fsw = 22 kHz
Normal operation
Standby
-50
0
50
100
150
10
20
30
40
50
60
70
80
Tj [°C]
fsw [kHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com