Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590D Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6590D
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590D Datasheet(HTML) 4 Page - STMicroelectronics

  L6590D Datasheet HTML 1Page - STMicroelectronics L6590D Datasheet HTML 2Page - STMicroelectronics L6590D Datasheet HTML 3Page - STMicroelectronics L6590D Datasheet HTML 4Page - STMicroelectronics L6590D Datasheet HTML 5Page - STMicroelectronics L6590D Datasheet HTML 6Page - STMicroelectronics L6590D Datasheet HTML 7Page - STMicroelectronics L6590D Datasheet HTML 8Page - STMicroelectronics L6590D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
L6590
4/23
ELECTRICAL CHARACTERISTCS (Tj = -25 to 125°C, Vcc = 10V; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER SECTION
V(BR)DSS Drain Source Voltage
Id < 200 µA; Tj = 25 °C
700
V
Idss
Off state drain current
Vds = 560V; Tj = 125 °C
200
µA
RDS(on)
Drain-to-Source on resistance
RDS(on) vs. Tj: see fig. 20
Id = 120mA; Tj =25 °C
13
16
Id = 120mA; Tj = 125 °C
23
28
ERROR AMP SECTION
VFB
Input Voltage
Tj = 25 °C
2.45
2.5
2.55
V
Tj = 125°C
2.4
2.5
2.6
Ib
E/A Input Bias Current
VFB = 0 to 2.5 V
0.3
5
µA
Avol
DC Gain
open loop
60
70
dB
B
Unity Gain Bandwidth
0.7
1
MHz
SVR
Supply voltage Rejection
f = 120 Hz
70
dB
Isink
Output Sink Current
VCOMP =1V
1
mA
Isource
Output Source Current
VCOMP = 3.5V; VFB = 2V
-0.5
-1
-2.5
mA
VCOMPH
Vout High
Isource = -0.5mA; VFB=2V
3.8
4.50
V
VCOMPL
Vout Low
Isink = 1mA ; VFB=3V
1
V
OSCILLATOR SECTION
Fosc
Oscillator Frequency
Tj =25°C
58
65
72
kHz
52
65
74
Dmin
Min. Duty Cycle
VCOMP =1V
0
%
Dmax
Max. Duty Cycle
VCOMP =4V
67
70
73
%
DEVICE OPERATION SECTION
Iop
Operating Supply Current
fsw = Fosc
4.5
7
mA
IQ
Quiescent Current
MOS disabled
3.5
6
mA
Icharge
VCC charge Current
Vcc =0V toVccon - 0.5V;
Vds = 100 to 400V; Tj =25°C
-3
-4.5
-7
mA
Vcc =0V toVccon - 0.5V;
Vds = 100 to 400V
-2.5
-4.5
-7.5
mA
VCCclamp VCC clamp Voltage
Iclamp = 10mA (*)
16.5
17
17.5
V
Vccon
Start Threshold
voltage
(*)
14
14.5
15
V
Vccoff
Min operating voltage after Turn
on
(*)
6
6.5
7
V
Vdsmin
Drain start voltage
40
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com