Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6590D
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590D Datasheet(HTML) 5 Page - STMicroelectronics

  L6590D Datasheet HTML 1Page - STMicroelectronics L6590D Datasheet HTML 2Page - STMicroelectronics L6590D Datasheet HTML 3Page - STMicroelectronics L6590D Datasheet HTML 4Page - STMicroelectronics L6590D Datasheet HTML 5Page - STMicroelectronics L6590D Datasheet HTML 6Page - STMicroelectronics L6590D Datasheet HTML 7Page - STMicroelectronics L6590D Datasheet HTML 8Page - STMicroelectronics L6590D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
L6590
(*) Parameters tracking one the other
(**) Parameter guaranteed by design, not tested in production
(***) Parameters guaranteed by design, functionality tested in production
CIRCUIT PROTECTIONS
Ipklim
Pulse-by-pulse Current Limit
di/dt = 120 mA/ µs
550
625
700
mA
OVP
Overvoltage Protection
Icc = 10 mA (*)
16
16.5
17
V
LEB
Masking Time
After MOSFET turn-on (**)
120
ns
STANDBY SECTION
FSB
Oscillator Frequency
19
22
25
kHz
Ipksb
Peak switch current for Standby
Operation
Transition from Fosc to FSB
80
mA
Ipkno
Peak switch current for Normal
Operation
Transition from FSB to Fosc
190
mA
BROWNOUT PROTECTION (L6590D only)
Vth
Threshold Voltage
Voltage either rising or falling
2.4
2.5
2.6
V
IHys
Current Hysteresis
Vpin = 3V
-30
-50
-70
µA
VCL
Clamp Voltage
Ipin = 0.5 mA
5.6
6.4
7.2
V
THERMAL SHUTDOWN (***)
Threshold
150
165
°C
Hysteresis
40
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)
Figure 1. Start-up & UVLO Thresholds
Figure 2. Start-up Current Generator
Start-up
UVLO
-50
0
50
100
150
6
8
10
12
14
16
Tj [°C]
Vcc [V]
Vdrain = 40 V
024
68
10
12
3
3.5
4
4.5
5
5.5
Vcc [V]
Icc [mA]
Tj = -25 °C
Tj = 25 °C
Tj = 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com