Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590D Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6590D
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6590D Datasheet HTML 12Page - STMicroelectronics L6590D Datasheet HTML 13Page - STMicroelectronics L6590D Datasheet HTML 14Page - STMicroelectronics L6590D Datasheet HTML 15Page - STMicroelectronics L6590D Datasheet HTML 16Page - STMicroelectronics L6590D Datasheet HTML 17Page - STMicroelectronics L6590D Datasheet HTML 18Page - STMicroelectronics L6590D Datasheet HTML 19Page - STMicroelectronics L6590D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
L6590
16/23
Figure 34. Standby Function timing diagram
Brownout Protection (L6590D only)
Brownout Protection is basically a not-latched device shutdown functionality. It will typically be used to detect a
mains undervoltage (brownout). This condition may cause overheating of the primary power section due to an
excess of RMS current.
Figure 35. Brownout Protection Function internal schematic and timing diagram
Pout
Peak
Primary
Current
2ms
1ms
STANDBY
(filtered)
190 mA
80 mA
fsw
65 kHz
22 kHz
0000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000
STANDBY
(before filter)
Vout
Load
regulation
small glitch
HV Input bus
VinOK
Vcc
VON
VOFF
000000000000000000000
000000000000000000000
000000000000000000000
000000000000000000000
000000000000000000000
000000000000000000000
000000000000000000000
000000000000000000000
PWM
Vout
+
-
L6590D
2.5 V
VinOK
50 µA
HV Input bus
6.4 V
BOK
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com