Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6611 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6611
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6611 Datasheet HTML 3Page - STMicroelectronics L6611 Datasheet HTML 4Page - STMicroelectronics L6611 Datasheet HTML 5Page - STMicroelectronics L6611 Datasheet HTML 6Page - STMicroelectronics L6611 Datasheet HTML 7Page - STMicroelectronics L6611 Datasheet HTML 8Page - STMicroelectronics L6611 Datasheet HTML 9Page - STMicroelectronics L6611 Datasheet HTML 10Page - STMicroelectronics L6611 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7/28
L6611
ELECTRICAL CHARACTERISTCS
(unless otherwise specified: TJ = 0 to 105°C; VDD = 5V, V3V3 = 3.3V, V5V = 5V, V-12V = -12V, ,
VDmon = VDD, PS-ON = low)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY SECTION
VDD(ON)
Start-up threshold
4.2
4.3
4.6
V
VDD(OFF) Minimum operating voltage after
turn-on
3.7
3.8
4.1
V
VDD(H)
Hysteresis
0.25
0.5
0.75
V
VDDOV
Vdd overvoltage
6.1
6.3
6.8
V
IDD-ON
Operating supply current
No Fault
5
7
mA
FAULT THRESHOLDS
Vout = 3.3V
UV
3V3 undervoltage
2.80
2.90
3.00
V
OV
3V3 overvoltage
4.00
4.15
4.30
V
3V3 bias current
50
65
µA
Vout = 12V
UV
12V undervoltage
10.60
10.80
11.00
V
OV
12V overvoltage
13.50
14.00
14.50
V
12V bias current
100
130
µA
Vout = -12V
UV
-12V undervoltage
-9.00
-9.50
-10.0
V
OV
-12V overvoltage
-14.4
-15.0
-15.6
V
VD
-12V disable voltage
Voltage to disable comparator
1.3
1.5
1.7
V
-12V bias current
-65
-50
µA
Vout = 3.3V Aux/Dual (Dmon option)
UV
3V3 undervoltage
2.80
2.90
3.00
V
OV
3V3 overvoltage
4.00
4.15
4.30
V
Vout = 5V Aux/Dual (Dmon option)
UV
5V undervoltage
4.25
4.40
4.55
V
OV
5V overvoltage
6.00
6.25
6.50
V
Bias current
50
65
µA
ACsense / Hysteresis
Bias current
VACsns = 2.7V
5
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com