Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6611 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6611
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611 Datasheet(HTML) 3 Page - STMicroelectronics

  L6611 Datasheet HTML 1Page - STMicroelectronics L6611 Datasheet HTML 2Page - STMicroelectronics L6611 Datasheet HTML 3Page - STMicroelectronics L6611 Datasheet HTML 4Page - STMicroelectronics L6611 Datasheet HTML 5Page - STMicroelectronics L6611 Datasheet HTML 6Page - STMicroelectronics L6611 Datasheet HTML 7Page - STMicroelectronics L6611 Datasheet HTML 8Page - STMicroelectronics L6611 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3/28
L6611
DESCRIPTION
The L6611 is a control and housekeeping IC developed in BCD technology; it is intended for acting at the sec-
ondary side of desktop PC's or server's switching power supplies, in presence of standard voltage rails (+3.3V,
+5V, ±12V) generated by a main converter and of a supply line generated by an auxiliary converter. The typical
application circuit is showed on the front page.
The Housekeeping's main function is to control and monitor the voltages generated by both the main and the
auxiliary converter: it senses those voltages, sends feedback signals to the primary controllers for regulation
and, upon detection of an undervoltage (UV), or overvoltage (OV) condition, reports such fault and takes proper
action to protect the system.
However, the peculiar feature of this IC is its digital programming capability that enables an accurate trimming
of the output voltage rails during production test via software, without any use of external discrete trimming com-
ponents or need for manual intervention on the PSU. It is also possible to program some of the monitoring func-
tions and select how UV and OC conditions are handled in the main converter: whether latched-mode (the
information is latched and released only by forcing the restart of the IC) or bouncing-mode (an attempt is made
to automatically restart the converter after 1 second wait).
A key feature of this IC is its contribution to a very low external component count. Besides the extensive use of
onboard programmable switches, which prevents the need for external trimming components, the IC embeds
reference voltages, error amplifiers and most of the housekeeping circuitry normally required.
PIN CONNECTION (top view)
PIN DESCRIPTION
Pin #
Name
Description
1
MFAULT
Main converter on/off control. This pin is a 10mA current sink used for driving an opto-isolator. It
is normally low when PS-ON (#13) is pulled low. If a fault is detected or PS-ON goes high, this
pin goes high too. To allow power up, the functions are digitally blanked out for a period (UVB
function) and MFAULT (#1) stays low. There is no delay for the OV protection function.
2
Binv
Inverting input to the error amplifier for the 3V3 post-regulator (either mag-amp or linear). The
non-inverting input is connected to an internal 1.25V reference that can be digitally trimmed.
3
Bout
Output of the 3V3 error amplifier. It typically drives either a PNP transistor that sets the mag-amp
core or the pass element of a linear regulator. Also node for error amplifier compensation. The
maximum positive level of this output is clamped at about 3.5V to improve response time. Large
signal slew rate is limited to reduce noise sensitivity.
MFAULT
Binv
Bout
12V
5V
3V3
-12V
VREF
PS-ON
PW-OK
ACsns
Vdd
DFAULT
Dmon
Cout
Aout
Ainv
PROG
Cinv
GND
-
-
MFAULT
Binv
Bout
12V
5V
3V3
-12V
VREF
PS-ON
PW-OK
ACsns
Vdd
DFAULT
Dmon
Cout
Aout
Ainv
PROG
Cinv
GND
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com