Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6611 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6611
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6611 Datasheet HTML 14Page - STMicroelectronics L6611 Datasheet HTML 15Page - STMicroelectronics L6611 Datasheet HTML 16Page - STMicroelectronics L6611 Datasheet HTML 17Page - STMicroelectronics L6611 Datasheet HTML 18Page - STMicroelectronics L6611 Datasheet HTML 19Page - STMicroelectronics L6611 Datasheet HTML 20Page - STMicroelectronics L6611 Datasheet HTML 21Page - STMicroelectronics L6611 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
L6611
18/28
2
ERROR AMPLIFIERS AND REFERENCE VOLTAGES
Three error amplifiers are implemented on the IC to achieve regulation of the output voltages: a brief description
follows for each section.
– Main section: error amplifier A and Soft-Start.
The circuit is designed to directly control the Main primary PWM through an optocoupler, providing
very good regulation and galvanic isolation from the primary side. Typical solutions require a shunt
regulator, like the TL431, as a reference and feedback amplifier to sense the output voltage and gen-
erate a corresponding error voltage; this voltage is then converted in a current transferred to the pri-
mary side through the optocoupler.
The feedback E/A amplifier is integrated in the IC: its non-inverting input is connected to an internally gen-
erated voltage reference, whose default value is typically 2.5V. It can however be trimmed to obtain a better
precision (see "On board trimming and mode operating" section). Then, no TL431 is needed.
The E/A inverting input (Ainv, pin#5) and the E/A output (Aout, pin#4) are externally available and the
frequency compensation network (Zc) will be connected between them (see fig. 15).
The high impedance (in the hundred k
Ω) internal divider from 12V and 5V UV/OV sense pins elimi-
nates the need for an external one in most applications, allowing a further reduction in the number of
external component.
Under closed loop condition, the two upper branches, connected to 12V and 5V pins, supply equally
the current flowing through R3= 80.6K (equal to 2.5V/R3).
In order to avoid high current peaks in the primary circuit and output voltage overshoots at start-up,
the IC provides an on-board 8ms soft-start, a quasi-monotonic ramp from 0V to 2.5V for the A error
amplifier reference voltage,. In fact, if this reference gets the nominal value as soon as the power-up
occurs, the A E/A will go out of regulation and tend to sink much more current, thus forcing PWM to
work with the maximum duty-cycle.
– E/A and references voltage
Being the inverting input of E/A externally available, it is possible to change the "weight" of the two
contributions or even eliminate one of them by connecting external resistors of much lower value (RL,
RH1 and/or RH2 in fig. 15) that bypass the internal ones appropriately.
For example using RL=2.4K, RH1=3.9K and RH2=24K, then the ratio between +5V and +12V output
weight will be equal to 6:4.
By simply making RH1 = RL (for example 2.4K) with no RH2, only the +5V output is kept under feed-
back because the contribution of +12V branch (through the internal 600K resistor) will be negligible.
The pin #24 (12V) has to be connected to +12V output to guarantee the OV/UV monitoring.
Figure 15. Main feedback section
– 3.3V section, error amplifier B.
It is the error amplifier used to set the magamp core through an external circuitry (see a typical sche-
matic in figure 16).
The non-inverting input of the error amplifier is connected to a trimmable 1.25V internal voltage ref-
erence (see "On board trimming and mode operating" paragraph). The E/A inverting input is exter-
nally available (Binv, pin#2) and is connected to the output divider (RH and RL); the output pin (Bout,
V
DD
to MAIN
control
Zc
Aout
R
B
12V
5V
+2.5V
600K
168K
80.6K
8ms SS
L6611
GND
_
+
+12V output
+5V output
Ainv
R
L
R
H1
R
H2
optional, to change
feedback weight
V
DD
to MAIN
control
Zc
Aout
R
B
12V
5V
+2.5V
600K
168K
80.6K
8ms SS
L6611
GND
_
+
+12V output
+5V output
Ainv
R
L
R
H1
R
H2
optional, to change
feedback weight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com