Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6611 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6611
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6611 Datasheet HTML 12Page - STMicroelectronics L6611 Datasheet HTML 13Page - STMicroelectronics L6611 Datasheet HTML 14Page - STMicroelectronics L6611 Datasheet HTML 15Page - STMicroelectronics L6611 Datasheet HTML 16Page - STMicroelectronics L6611 Datasheet HTML 17Page - STMicroelectronics L6611 Datasheet HTML 18Page - STMicroelectronics L6611 Datasheet HTML 19Page - STMicroelectronics L6611 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
L6611
16/28
APPLICATION INFORMATION
1
ONBOARD DIGITAL TRIMMING AND MODE SELECTION
By forcing the PROG input pin high, the chip enters programming mode: the multifunction pins PW_OK and
PS_ON are then disconnected from their normal functions (output pins) and are connected to internal logic as
DATA and CLOCK inputs respectively, allowing chip programming even when the device is assembled on the
application board. Onboard chip programming allows:
– selecting some working options;
– reference voltage setpoints adjusting.
It is also possible to verify the expected results before programming the chip definitively, in first instance, data
can be loaded into a re-writeble volatile memory (a flip-flop array) where they are kept as long as the chip is
supplied and can be changed as many times as one desires. A further operation is necessary to confirm the
loaded data and permanently store them into a PROM (a poly-fuse array) inside the IC.
Several steps compose the trimming/programming process:
1. PROG pin is forced high;
2. a clock signal is sent to the PS-ON/clock pin;
3. a byte with the following structure:
is serially sent to the PW-OK/DATA pin and loaded into the IC's volatile memory bit by bit on the falling edges
of the clock signal (see Fig. 14); "Address" is the identification code of the parameter that has to be trimmed
and "Data" contains the tuning bits;
4. PROG pin is forced low (warning: Vdd must never fall below VddUVL0 during this process otherwise the con-
tents of the volatile memory will be lost) and the result of the previous step is checked;
5. after any iterations of the steps 1-4 that might be necessary to achieve the desired value, force PROG pin
high and send the following burn code
to permanently store the data in the PROM memory.
Table 1 shows the list of the 6 programmable classes of functions, each one identified by a different code
A0..A3, and the corresponding trimmable parameter(s); in table 2 it is possible to find the trim coding for the E/
A reference setpoints and in table 3 all the selections mode option coding are showed. The timing diagram of
fig. 14 shows the details of data acquisition.
Table 1. Programmable functions
MSB
LSB
D3
D2
D1
D0
A3
A2
A1
A0
Data
Address
MSB
LSB
0
0
001
11
1
Address
Parameter(s)
Default value
Tuning bits
0001
Error amplifier A threshold
2.50V
D3
D2
D1
DO
0010
Error amplifier B threshold
1.25V
D3
D2
D1
DO
0011
Error amplifier C threshold
1.25V
D3
D2
D1
DO
0100
AC sense threshold
2.50V
D3
D2
D1
DO
0101
AC sense hysteresis
50
µA
D2
D1
DO
Latch/Bounce mode selection
Latch mode
D3
0110
Enable/Disable 12V UV/OV function
Enabled
D3
Enable/Disable 5V UV/OV function
Enabled
D2
5V/3V3 Dmon selection
5V selection
D1
don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com