Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6611 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6611
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611 Datasheet(HTML) 5 Page - STMicroelectronics

  L6611 Datasheet HTML 1Page - STMicroelectronics L6611 Datasheet HTML 2Page - STMicroelectronics L6611 Datasheet HTML 3Page - STMicroelectronics L6611 Datasheet HTML 4Page - STMicroelectronics L6611 Datasheet HTML 5Page - STMicroelectronics L6611 Datasheet HTML 6Page - STMicroelectronics L6611 Datasheet HTML 7Page - STMicroelectronics L6611 Datasheet HTML 8Page - STMicroelectronics L6611 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5/28
L6611
18
3V3
3V3 UV/OV monitor. It uses a separate reference to the feedback reference.
19
5V
Input pin for 5V feedback, 5V current sense and 5V UV/OV monitor. 5V UV/OV uses a reference
separate from that used for feedback. This pin connects the 5V part of the Main error amplifier
feedback divider.
20
12V
Input pin for 12V feedback, 12V current sense and 12V UV/OV monitor.12V UV/OV uses a
reference separate from that used for feedback. This pin connects the 12V part of the Main error
amplifier feedback divider.
FUNCTION DESCRIPTION
Name
Description
OVP
Whenever one of the Main output voltages is detected going above its own OVP threshold, this
function set MFAULT (#1) high latching the outputs off. The latch is released after cycling PS-ON
(#13) switch or by reducing Vdd (#10) below the UV threshold.
UVP
Whenever one of the Main output voltages is detected going under its own UVP threshold, this
function sets MFAULT (#1) high; if latch mode has been selected, this function will be latched.
Otherwise an attempt will be made to restart the device after 1 second delay. If ACsns (#11) is
low due to a brownout condition, UVP is disabled.
UVB
Undervoltage blanking. When either converter is enabled, the relevant UV/OC monitoring circuits
must not intervene to allow all outputs to come within tolerance. 64 ms timing is provided; for the
auxiliary converter the timing starts as the IC has a valid supply, for the main converter it starts
as the ACsns pin detects a valid input voltage for the converter.
PW-OK delay
PW-OK delay. After power-up, when the all of the monitored voltages are above their own UV
threshold the PW-OK pin (#12) will be kept low for additional 250ms (typ.) to make sure all the
outputs are settled.
OFF delay
Power-off delay. As soon as PS-ON (#13) pin is recognized high, indicating an imminent turn-off
condition, PW-OK (#12) pin will go low immediately . The converter will be turned off after a
delay of 2.5ms.
Debounce
The PS-ON signal input has debounce logic to prevent improper activation. All of the monitored
inputs have digital filtering/debounce logic on board for high noise immunity.
AC-hysteresis
AC sense hysteresis. Programmable hysteresis is provided on the ACsns input (#11) to avoid
undesired shutdown caused by noise as the voltage at the pin is near the threshold or by the
voltage ripple across the bulk capacitor.
Vdd-OVP
Vdd is monitored for overvoltage. If an overvoltage is detected, MFAULT (#1) and DFAULT (#9)
are latched high.
Vdd-UVL
To prevent false signals of any of IC’s output pins, an under voltage lock-out circuit monitors Vdd
and keeps all IC’s output at their default OFF level until Vdd reaches a sufficient minimum
voltage for ensuring integrity. When Vdd goes below the UV threshold, all latches are reset and
volatile programming memory cleared.
Dual-OVP
Dmon (#8) is monitored to detect an overvoltage condition; in this case MFAULT (#1) and
DFAULT (#9) are latched high.
Dual-UVP
Dmon (#8) is monitored to detect an undervoltage condition; in this case MFAULT (#1) is latched
high and Cout (#6) is pulled low.
PIN DESCRIPTION (continued)
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com