Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6611 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6611
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6611 Datasheet HTML 20Page - STMicroelectronics L6611 Datasheet HTML 21Page - STMicroelectronics L6611 Datasheet HTML 22Page - STMicroelectronics L6611 Datasheet HTML 23Page - STMicroelectronics L6611 Datasheet HTML 24Page - STMicroelectronics L6611 Datasheet HTML 25Page - STMicroelectronics L6611 Datasheet HTML 26Page - STMicroelectronics L6611 Datasheet HTML 27Page - STMicroelectronics L6611 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25/28
L6611
7
APPLICATION IDEAS
In fig. 23 a circuit is suggested to obtain the regulated +3.3V output with a linear configuration instead of the
Magamp circuitry.
In this case the output of the E/A modulates the gate-source voltage of a power MOS in series with the power
stage.
In fig. 24 a simple and cheap latch circuit is showed to manage an OV fault on the Auxiliary output in the same
way of an OC (UV) fault, without having recourse to a (expensive) power crowbar. By tuning the value of RSET
it is possible to set the voltage value that triggers the latch circuit; CDEL defines the turn-on delay. A diode con-
nected between the collector of Q1 and Cout pulls down the output of the auxiliary E/A: this has the same effect
of the OCP_bounce internal signal that guarantees the reduction of duty cycle.
Figure 23. Controlling a Linear Regulator with the Error Amplifier B
Figure 24. Auxiliary OVP without Crowbar
+3.3V
Bout
Binv
+1.25V
R
L
R
H
_
+
L6611
+5V
R
B
L
C
1
C
2
+12V
Z
C
+3.3V
Bout
Binv
+1.25V
R
L
R
H
_
+
L6611
+5V
R
B
L
C
1
C
2
+12V
Z
C
L6611
V
AUX
DMON
100
5K6
5K6
Q2
BC558
Q1
BC548
R
SET
C
DEL
Cout
D1
BAT42
L6611
V
AUX
DMON
100
5K6
5K6
Q2
BC558
Q1
BC548
R
SET
C
DEL
Cout
D1
BAT42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com