Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV232 Datasheet(PDF) 18 Page - Microchip Technology

Part # HV232
Description  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 Datasheet(HTML) 18 Page - Microchip Technology

Back Button HV232 Datasheet HTML 14Page - Microchip Technology HV232 Datasheet HTML 15Page - Microchip Technology HV232 Datasheet HTML 16Page - Microchip Technology HV232 Datasheet HTML 17Page - Microchip Technology HV232 Datasheet HTML 18Page - Microchip Technology HV232 Datasheet HTML 19Page - Microchip Technology HV232 Datasheet HTML 20Page - Microchip Technology HV232 Datasheet HTML 21Page - Microchip Technology HV232 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
HV232
DS20005820B-page 18
 2024-2026 Microchip Technology Inc. and its subsidiaries
Microchip Technology Drawing C04-026-L4X Rev D Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
28-Lead Plastic Leaded Chip Carrier (L4X) - Square [PLCC]
1.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
4. Dimensioning and tolerancing per ASME Y14.5M
3. Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash or
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
2. § Significant Characteristic
protrusions shall not exceed .005" per side.
© 2023 Microchip Technology Inc.
.021
-
.013
b
Lower Lead Width
.032
-
.025
b1
Upper Lead Width
.0125
-
.0075
c
Lead Thickness
.438
.410
.382
D2
Footprint Length
.438
.410
.382
E2
Footprint Width
.456
.453
.450
D1
Molded Package Length
.456
.453
.450
E1
Molded Package Width
.495
.490
.485
D
Overall Length
.495
.490
.485
E
Overall Width
.056
-
.042
CH3
Side Chamfer
.020
-
-
CH2
Chamfers
.048
-
.042
CH1
Corner Chamfer
.020
A3
Standoff
A2
Molded Package to Contact
.180
.172
.165
A
Overall Height
.050
e
Pitch
28
N
Number of Pins
MAX
NOM
MIN
Dimension Limits
INCHES
Units
.062
-
.083
--
Contact Height
A1
.090
.105
.120
§
0.53
-
0.33
0.81
-
0.64
0.32
-
0.19
11.13
10.41
9.70
11.13
10.41
9.70
11.58
11.51
11.43
11.58
11.51
11.43
12.57
12.45
12.32
12.57
12.45
12.32
1.42
-
1.07
0.51
-
-
1.22
-
1.07
0.51
4.57
4.37
4.19
1.27
28
MAX
NOM
MIN
MILLIMETERS
1.57
-
2.11
--
2.29
2.67
3.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com