Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV232 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV232
Description  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 Datasheet(HTML) 5 Page - Microchip Technology

  HV232 Datasheet HTML 1Page - Microchip Technology HV232 Datasheet HTML 2Page - Microchip Technology HV232 Datasheet HTML 3Page - Microchip Technology HV232 Datasheet HTML 4Page - Microchip Technology HV232 Datasheet HTML 5Page - Microchip Technology HV232 Datasheet HTML 6Page - Microchip Technology HV232 Datasheet HTML 7Page - Microchip Technology HV232 Datasheet HTML 8Page - Microchip Technology HV232 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2024-2026 Microchip Technology Inc. and its subsidiaries
DS20005820B-page 5
HV232
Data Out Source
Current
ISOR
0.45
—
0.45
0.7
—
0.4
—
mA
VOUT = VDD–0.7V
Data Out Sink Current
ISINK 0.45
—
0.45
0.7
—
0.4
—
mA
VOUT = 0.7V
Logic Input Capacitance
CIN
—
10
—
—
10
—
10
pF
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all values are over operating conditions.
Parameter
Sym.
0°C
+25°C
+70°C
Unit
Conditions
Min. Max. Min. Typ. Max. Min. Max.
Set-Up Time before LE Rises
tSD
150
—
150
—
—
150
—
ns
Time Width of LE
tWLE
150
—
150
—
—
150
—
ns
Clock Delay Time to Data Out
tDO
55
150
60
—
150
70
150
ns
Time Width of CLR
tWCL
150
—
150
—
—
150
—
ns
Set-Up Time Data to Clock
tSU
15
—
15
8
—
20
—
ns
Hold Time Data from Clock
tH
35
—
35
—
—
35
—
ns
Clock Frequency
fCLK
—5
—
—
5
—
5
MHz
50% duty cycle,
fDATA= fCLK/2
Clock Rise and Fall Times
tr, tf
—
50
—
—
50
—
50
ns
Turn-On Time
tON
—5
—
—
5
—
5
μs
VSIG= VPP–10V,
RLOAD = 10 kΩ
Turn-Off Time
tOFF
—5
—
—
5
—
5
μs
VSIG=VPP–10V,
RLOAD = 10 kΩ
Maximun VSIG Slew Rate
dv/dt
—20
—
—
20
—
20
V/ns
VPP = +160V,
VNN = -40V
—20
—
—
20
—
20
VPP = +100V,
VNN = -100V
—20
—
—
20
—
20
VPP = +40V,
VNN = -160V
Off Isolation
KO
-30
—
-30
-33
—
-30
—
dB
f = 5 MHz,
1 kΩ//15 pF load
-58
—
-58
—
—
-58
—
f = 5 MHz,
50Ω load
Switch Crosstalk
KCR
-60
—
-60
-70
—
-60
—
dB
f = 5 MHz, 50Ω
load
Output Switch Isolation Diode
Current
IID
—
300
—
—
300
—
300
mA
300 ns pulse
width, 2% duty
cycle
Off Capacitance SW to GND
CSG(OFF)
5
17
5
12
17
5
17
pF
0V, f = 1 MHz
On Capacitance SW to GND
CSG(ON)
25
50
25
38
50
25
50
pF
0V, f = 1 MHz
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all values are over operating conditions.
Parameter
Sym.
0°C
+25°C
+70°C
Unit
Conditions
Min. Max. Min. Typ. Max. Min. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com