Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV232 Datasheet(PDF) 3 Page - Microchip Technology

Part # HV232
Description  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 Datasheet(HTML) 3 Page - Microchip Technology

  HV232 Datasheet HTML 1Page - Microchip Technology HV232 Datasheet HTML 2Page - Microchip Technology HV232 Datasheet HTML 3Page - Microchip Technology HV232 Datasheet HTML 4Page - Microchip Technology HV232 Datasheet HTML 5Page - Microchip Technology HV232 Datasheet HTML 6Page - Microchip Technology HV232 Datasheet HTML 7Page - Microchip Technology HV232 Datasheet HTML 8Page - Microchip Technology HV232 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2024-2026 Microchip Technology Inc. and its subsidiaries
DS20005820B-page 3
HV232
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Logic Power Supply Voltage, VDD .............................................................................................................-0.5V to +15V
Supply Voltage, VPP–VNN ...................................................................................................................................... 220V
High-Voltage Positive Supply, VPP ................................................................................................... -0.5V to VNN+200V
High-Voltage Negative Supply, VNN ........................................................................................................+0.5V to -200V
Logic Input Voltage ........................................................................................................................... -0.5V to VDD+0.3V
Analog Signal Range, VSIG ........................................................................................................................... VNN to VPP
Peak Analog Signal Current/Channel ........................................................................................................................ 3A
Storage Temperature, TS ........................................................................................................................ -65°C to 150°C
Power Dissipation:
48-lead LQFP.................................................................................................................................................. 1W
28-lead PLCC............................................................................................................................................... 1.2W
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only, and functional operation of the device at those or any other
conditions above those indicated in the operational sections of this specification is not intended.
Exposure to maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Logic Power Supply Voltage
VDD
4.5
—
13.2
V
Note 1, Note 3
High-Voltage Positive Supply
VPP
40
—
160
V
Note 1, Note 3,
Note 4
High-Voltage Negative Supply
VNN
-160
—
-40
V
Note 1, Note 3,
Note 4
High-Level Input Voltage
VIH
VDD–1V
—
VDD
V
Low-Level Input Voltage
VIL
0—
1
V
Analog Signal Voltage Peak-to-Peak
VSIG
VNN+10V
—
VPP–10V
V
Note 2
Operating Ambient Temperature
TA
0—
70
°C
Note 1: Power-up/down sequence is arbitrary except GND must be powered up first and powered down last.
2: VSIG must be VNN ≤ VSIG ≤ VPP or floating during power-up/down transition.
3: Rise and fall times of power supplies VDD, VPP and VNN should not be less than 1 millisecond.
4: VPP – VNN ≤ 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com