Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV232 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV232
Description  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 Datasheet(HTML) 4 Page - Microchip Technology

  HV232 Datasheet HTML 1Page - Microchip Technology HV232 Datasheet HTML 2Page - Microchip Technology HV232 Datasheet HTML 3Page - Microchip Technology HV232 Datasheet HTML 4Page - Microchip Technology HV232 Datasheet HTML 5Page - Microchip Technology HV232 Datasheet HTML 6Page - Microchip Technology HV232 Datasheet HTML 7Page - Microchip Technology HV232 Datasheet HTML 8Page - Microchip Technology HV232 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HV232
DS20005820B-page 4
 2024-2026 Microchip Technology Inc. and its subsidiaries
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all values are over operating conditions.
Parameter
Sym.
0°C
+25°C
+70°C
Unit
Conditions
Min. Max. Min. Typ. Max. Min. Max.
Small Signal Switch
On-Resistance
RONS
—
30
—
26
38
—
48
Ω
ISIG = 5 mA
VPP = +40V
VNN = -160V
—
25
—
22
27
—
32
ISIG = 200 mA
—
25
—
22
27
—
30
ISIG = 5 mA
VPP = +100V
VNN = -100V
—
18
—
18
24
—
27
ISIG = 200 mA
—
23
—
20
25
—
30
ISIG = 5 mA
VPP = +160V
VNN = -40V
—
22
—
16
25
—
27
ISIG = 200 mA
Small Signal Switch
On-Resistance
Matching
ΔRONS —20
—
5
20
—
20
%
ISIG = 5 mA, VPP = +100V,
VNN = -100V
Large Signal Switch
On-Resistance
RONL
——
—
15
—
—
—
Ω
VSIG = VPP–10V, ISIG = 1A
Output Switch Shunt
Resistance
RINT
—
—
20
35
50
—
—
kΩ
Output switch to RGND
IRINT = 0.5 mA
Switch-Off Leakage per
Switch
ISOL
—5
—
1
10
—
15
µA
VSIG = VPP–10V
DC Offset Switch Off
VOS
—
300
—
100
300
—
300
mV
No load
DC Offset Switch On
—
500
—
100
500
—
500
mV
No load
VPP Supply Quiescent
Current
IPPQ
——
—
10
50
—
—
μA
All switches off
VNN Supply Quiescent
Current
INNQ
——
—
-10
-50
—
—
μA
All switches off
VPP Supply Quiescent
Current
IPPQ
——
—
10
50
—
—
μA
All switches on, ISW = 5 mA
VNN Supply Quiescent
Current
INNQ
——
—
-10
-50
——
μA
All switches on, ISW = 5 mA
Switch Output Peak
Current
ISW
—3
—
3
2
—
2
A
VSIG duty cycle < 0.1%
Output Switching
Frequency
fSW
—
—
—
—
50
—
—
kHz
Duty cycle = 50%
Average VPP Supply
Current
IPP
—6.5
—
—
7
—
8
mA
VPP = +40V
VNN = -160V
All output
switches turn
on and off at
50 kHz with
no load.
—4
—
—
5
—
5.5
VPP = +100V
VNN = -100V
—4
—
—
5
—
5.5
VPP = +160V
VNN = -40V
Average VNN Supply
Current
INN
—6.5
—
—
7
—
8
mA
VPP = +40V
VNN = -160V
All output
switches turn
on and off at
50 kHz with
no load.
—4
—
—
5
—
5.5
VPP = +100V
VNN = -100V
—4
—
—
5
—
5.5
VPP = +160V
VNN = -40V
Logic Supply Average
Current
IDD
—4
—
—
4
—
4
mA
fCLK = 5 MHz, VDD = 5V
Logic Supply Quiescent
Current
IDDQ
—10
—
—
10
—
10
μA
All logic inputs are static



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com