Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV232 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV232
Description  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 Datasheet(HTML) 1 Page - Microchip Technology

  HV232 Datasheet HTML 1Page - Microchip Technology HV232 Datasheet HTML 2Page - Microchip Technology HV232 Datasheet HTML 3Page - Microchip Technology HV232 Datasheet HTML 4Page - Microchip Technology HV232 Datasheet HTML 5Page - Microchip Technology HV232 Datasheet HTML 6Page - Microchip Technology HV232 Datasheet HTML 7Page - Microchip Technology HV232 Datasheet HTML 8Page - Microchip Technology HV232 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2024-2026 Microchip Technology Inc. and its subsidiaries
DS20005820B-page 1
HV232
Features
• 10 µA Maximum Quiescent Power Dissipation
•22Ω Typical Output On-resistance
• Integrated Bleed Resistors on the Outputs
• Low Parasitic Capacitance
• DC to 50 MHz Small Signal Frequency Response
• -60 dB Typical Off-isolation at 5 MHz
• CMOS Logic Circuitry for Low Power
• Excellent Noise Immunity
• On-chip Shift Register, Latch and Clear Logic
Circuitry
• Flexible High-voltage Supplies
Applications
• Medical Ultrasound Imaging
• Piezoelectric Transducer Drivers
General Description
The HV232 is an 8-channel, low-charge-injection,
high-voltage, analog switch integrated circuit (IC) with
bleed resistors. This device can be used in applications
requiring
high-voltage
switching
controlled
by
low-voltage control signals, such as ultrasound imaging
and printers. The bleed resistors eliminate voltage built
up on capacitive loads, such as piezoelectric
transducers. Input data is shifted into an 8-bit Shift
register which can be retained in an 8-bit latch. To
reduce any possible clock feed-through noise, latch
enable (LE) should be left high until all bits are clocked
in. This switch combines high-voltage bilateral DMOS
switches and low-power CMOS logic to provide
efficient control of high-voltage analog signals.
The HV232 is suitable for various combinations of high
-voltage supplies, e.g., VPP/VNN: +40V/-160V and
+100V/-100V, and +160V/-40V.
Package Types
1
48
See Table 2-1 and Table 2-2 for pin information.
48-lead LQFP
(Top view)
1 28
4
26
28-lead PLCC
(Top view)
8-Channel, Low-Charge-Injection, High-VoltageAnalog Switch
with Bleed Resistors
Obsolete Device


Similar Part No. - HV232

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
380Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
625Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV2321 SUTEX-HV2321 Datasheet
716Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV2321 SUTEX-HV2321 Datasheet
680Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
More results

Similar Description - HV232

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com