Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV232 Datasheet (PDF) - Microchip Technology

HV232 Datasheet PDF - Microchip Technology
Part # HV232
Download  HV232 Download
File Size   1419.87 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Channel, Low-Charge-Injection, High-Voltage Analog Switch

HV232 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV232 Datasheet PDF - Microchip Technology

Part # HV232
Download  HV232 Click to download

File Size   1419.87 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Channel, Low-Charge-Injection, High-Voltage Analog Switch

HV232 Datasheet (HTML) - Microchip Technology


HV232 Product details

Features
• 10 μA Maximum Quiescent Power Dissipation
• 22Ω Typical Output On-resistance
• Integrated Bleed Resistors on the Outputs
• Low Parasitic Capacitance
• DC to 50 MHz Small Signal Frequency Response
• -60 dB Typical Off-isolation at 5 MHz
• CMOS Logic Circuitry for Low Power
• Excellent Noise Immunity
• On-chip Shift Register, Latch and Clear Logic
Circuitry
• Flexible High-voltage Supplies

Applications
• Medical Ultrasound Imaging
• Piezoelectric Transducer Drivers

General Description
The HV232 is an 8-channel, low-charge-injection,
high-voltage, analog switch integrated circuit (IC) with
bleed resistors. This device can be used in applications
requiring high-voltage switching controlled by
low-voltage control signals, such as ultrasound imaging
and printers. The bleed resistors eliminate voltage built
up on capacitive loads, such as piezoelectric
transducers. Input data is shifted into an 8-bit Shift
register which can be retained in an 8-bit latch. To
reduce any possible clock feed-through noise, latch
enable (LE) should be left high until all bits are clocked
in. This switch combines high-voltage bilateral DMOS
switches and low-power CMOS logic to provide
efficient control of high-voltage analog signals.
The HV232 is suitable for various combinations of high
-voltage supplies, e.g., VPP/VNN: +40V/-160V and
+100V/-100V, and +160V/-40V.




Similar Part No. - HV232

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
380Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
625Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV2321 SUTEX-HV2321 Datasheet
716Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV2321 SUTEX-HV2321 Datasheet
680Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
More results


Similar Description - HV232

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com