Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2LL843SC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2LL843SC
Description  High-drive Two-Channel LVDS Repeater/Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2LL843SC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2LL843SC Datasheet HTML 1Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 2Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 3Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 4Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 5Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 6Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 7Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 8Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ComLink™ Series
CY2LL843
Document #: 38-07066 Rev. OBS
Page 4 of 13
TPHZ
Propagation delay, High level to High
impedance output
(see Figure 14)
4
10
nS
TPLZ
Propagation delay, Low level to High
impedance output
4.3
10
nS
TPZH
Propagation delay, high impedance to High
level output
310
nS
TPZL
Propagation delay, high impedance to Low
level output
210
nS
TPHL_skR1_Dx
Channel to Channel skew-receiver 1 to Any
mux related drivers
95
pS
TPLH_skR1_Dx
Channel to Channel skew-receiver 1 to Any
mux related drivers
95
pS
TPPHL_skR2_Dx Channel to Channel skew-receiver 2 to Any
mux related drivers
95
pS
TPLH_skR2_Dx
Channel to Channel skew-receiver 2 to Any
mux related drivers
95
pS
DJ
Deterministic Jitter (100MHz, 25°C,
VID =0.4V, S0, S1 = 0)
(see Figure 7)
PRBS-Differential
95
pS
Table 7. High Frequency Parametrics
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
Fmax
Maximum frequency
VDD = 3.3V
50% duty cycle tW(50–50)
Standard Load Circuit.
400
MHz
Table 6. Differential Receiver to Driver Switching Characteristics Over Recommended Operating Conditions (continued)[[5]]
1A/1B
1Y/1Z
2Y/2Z
2A/2B
Cross
Point
Router
1A/1B
2A/2B
2A/2B
1A/1B
1Y/1Z
2Y/2Z
Splitter A
1Y/1Z
2Y/2Z
Splitter B
S0/S1
S0/S1
1A/1B
2A/2B
2Y/2Z
1Y/1Z
Pass
Thru
Router
S0/S1
S0/S1
Router Options
Splitter Options
Figure 1. Two-channel Cross Point Switch/Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com