Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2LL843SC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2LL843SC
Description  High-drive Two-Channel LVDS Repeater/Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2LL843SC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2LL843SC Datasheet HTML 5Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 6Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 7Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 8Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 9Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 10Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 11Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 12Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ComLink™ Series
CY2LL843
Document #: 38-07066 Rev. OBS
Page 10 of 13
Application Engineering
Typical Characteristics (@VDD = 3.3V/TA = 25°C)
Note:
12. See Figure 19.
Pulse
Generator
CL = 10pF
2 locations
RL=100 ohm
Z
O=50
Z
O=50
Figure 15. Termination Scheme for 100-Ohm External
Termination
Z
O =5 0
Z
O =5 0
10 0
ohm
CL
CL
R e c e iv e r c h ip
with
100 O h m o n c h ip
te rm inatio n
Figure 16. Termination Scheme for 100-Ohm
Self-termination Interface Chip
CY2LL843
-20
-15
-10
-5
0
5
01
23
4
Voltage
Voh - Ioh
Figure 17. VOH vs. IOH
CY2LL843
-2
0
2
4
6
8
01
23
4
Voltage
Vol - Iol
Figure 18. Low-level Output vs. Current
Table 8. Technical Notes on STD Drive (LL842, A and D)
vs. High Drive (LL843, B and C)[[12]]
A
BCD
Unit
VOX
1.2
1.2
1.2
1.2
V
DC Offset
1.0
1.0
1.0
1.0
V
VOD Min.
0.25
0.5
0.25
0.125
V
VOD Max
0.45
0.9
0.45
0.225
V
T/Rise
1.4
1.4
0.6
0.6
ns
T/Fall
1.4
1.4
0.6
0.6
ns
A
B
C
D
+/-
i
+/-
i
+/-
2i
+/-
2i
50
ohm
100
ohm
50
ohm
25 ohm
25 ohm
100
ohm
Standard Drive
Current drive of 1i
Hi Drive
Current drive of 2i
Figure 19. Comparison Standard Drive ‘842
vs. High Drive ‘843



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com