Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2LL843SC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY2LL843SC
Description  High-drive Two-Channel LVDS Repeater/Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2LL843SC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY2LL843SC Datasheet HTML 5Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 6Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 7Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 8Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 9Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 10Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 11Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 12Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ComLink™ Series
CY2LL843
Document #: 38-07066 Rev. OBS
Page 11 of 13
Package Drawings and Dimensions
Ordering Information
Part Number
Package Type
Product Flow
CY2LL843SI
16-pin SOIC
Industrial, –40°C to 85°C
CY2LL843SIT
16-pin SOIC–Tape and Reel
Industrial, –40° to 85°C
CY2LL843ZI
16-Pin TSSOP
Industrial, –40° to 85°C
CY2LL843ZIT
16-pin TSSOP–Tape and Reel
Industrial, –40°C to 85°C
CY2LL843SC
16-pin SOIC
Commercial, 0°C to 70°C
CY2LL843SCT
16-pin SOIC–Tape and Reel
Commercial, 0°C to 70°C
CY2LL843ZC
16-pin TSSOP
Commercial, 0°C to 70°C
CY2LL843ZCT
16-pin TSSOP–Tape and Reel
Commercial, 0°C to 70°C
16-Lead (150-Mil) Molded SOIC S16
51-85068-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com