Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2LL843SC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2LL843SC
Description  High-drive Two-Channel LVDS Repeater/Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2LL843SC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2LL843SC Datasheet HTML 1Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 2Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 3Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 4Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 5Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 6Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 7Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 8Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ComLink™ Series
CY2LL843
Document #: 38-07066 Rev. OBS
Page 5 of 13
DynamicIDD CY2LL843C
VID=0.4,VIC=1.2V S0,S1=00
Temp=25°C
25.00
27.00
29.00
31.00
33.00
35.00
37.00
39.00
41.00
43.00
45.00
50
100
150
200
250
300
350
400
Fin(MHz)
Vdd=3.60V
Vdd=3.30V
Vdd=3.00V
DynamicIDD CY2LL843C
VID=0.4, VIC=1.2V S0, S1=01
Temp=25°C
25.00
27.00
29.00
31.00
33.00
35.00
37.00
39.00
41.00
43.00
45.00
50
100
150
200
250
300
350
400
Fin(MHz)
Vdd=3.60V
Vdd=3.30V
Vdd=3.00V
Figure 2. Dynamic IDD vs. Frequency 25 C
DynamicIDD CY2LL843C
VID=0.4,VIC=1.2V S0,S1=00
Temp=85°C
25.00
27.00
29.00
31.00
33.00
35.00
37.00
39.00
41.00
43.00
45.00
50
100
150
200
250
300
350
400
Fin(MHz)
Vdd=3.60V
Vdd=3.30V
Vdd=3.00V
DynamicIDD CY2LL843C
VID=0.4,VIC=1.2V S0,S1=01
Temp=85°C
25.00
30.00
35.00
40.00
45.00
50.00
50
100
150
200
250
300
350
400
Fin(MHz)
Vdd=3.60V
Vdd=3.30V
Vdd=3.00V
Figure 3. Dynamic IDD vs. Frequency 85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com