Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2LL843SC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2LL843SC
Description  High-drive Two-Channel LVDS Repeater/Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2LL843SC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2LL843SC Datasheet HTML 1Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 2Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 3Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 4Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 5Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 6Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 7Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 8Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
High-drive Two-Channel LVDS Repeater/Mux
ComLink™ Series
CY2LL843
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07066 Rev. OBS
Revised December 02, 2004
Features
• ANSI TIA/EIA-644-1995-compliant
• Designed for data rates to > 700 Mbs = (350 MHz)
• Single 2 × 2 with high-drive output drivers
• Low -voltage differential signaling with output voltages
of ± 350 mV into 50-ohm load version (Bus LVDS)
• Single 3.3V supply
• Accepts ± 350-mV differential inputs
• Output Drivers are high-impedance when disabled or
when VDD ≤1.5V
• 16-pin SOIC/TSSOP packages
• Industrial version available
Description
The Cypress CY2LL843 are differential line drivers and
receivers that utilize Low Voltage Signaling or LVDS, to
achieve signaling rates of 700Mbs. The receiver outputs can
be switched to either or both drivers through the multiplexer
control signals S0/S1. This provides flexibility in application for
either a splitter or router configuration with a single device.
The Cypress CY2LL843 are configured as a single
two-channel repeater/Mux.
The LVDS standard provides a minimum differential output
voltage of 247 mV into a 50-ohm load and receipt of as little as
100 mV signals with up to 1V of DC offset between transmitter
and receiver. The Cypress CY2LL843 doubles the output drive
current to achieve BusLVDS signaling levels with a faster
rise/fall times into 50-ohm load.
A doubly terminated BusLVDS line enables multipoint config-
urations.
Designed for both point to point based-band multi-point data
transmission over controlled impedance lines.
Block Diagram
Pin Configuration
1Y
1Z
2Y
2Z
VDD
1A
1B
2A
2B
GND
1DE
2DE
S0 S1
16 pin SOIC/TSSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
VDD
1Y
1Z
2DE
2Z
2Y
GND
1B
1A
S0
1DE
S1
2A
2B
GND


Similar Part No. - CY2LL843SC

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CY2-143 MINI-CY2-143 Datasheet
425Kb / 3P
Frequency Multiplier
CY2-143+ MINI-CY2-143+ Datasheet
425Kb / 3P
Frequency Multiplier
CY2-143-D MINI-CY2-143-D Datasheet
259Kb / 4P
X2 MMIC Frequency Multiplier Die
CY2-143-D+ MINI-CY2-143-D+ Datasheet
259Kb / 4P
X2 MMIC Frequency Multiplier Die
CY2-283 MINI-CY2-283 Datasheet
357Kb / 4P
Frequency Multiplier
More results

Similar Description - CY2LL843SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV222A NSC-DS92LV222A Datasheet
120Kb / 8P
Two Channel Bus LVDS MUXed Repeater
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
LVDS Single Port High Speed Repeater
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
LVDS 4 Port High Speed Repeater
logo
Pericom Semiconductor C...
PI90LV022 PERICOM-PI90LV022 Datasheet
182Kb / 12P
LVDS Mux/Repeater
PI90LV03 PERICOM-PI90LV03 Datasheet
337Kb / 7P
SOTiny LVDS Repeater
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
LVDS 8-Port, High-Speed Repeater
logo
STMicroelectronics
AN4442 STMICROELECTRONICS-AN4442 Datasheet
154Kb / 3P
Two-channel LVDS repeater with the RHFLVDSR2D2
18-Feb-2014
logo
Integrated Device Techn...
IDTQS4A210 IDT-IDTQS4A210_14 Datasheet
265Kb / 7P
HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
LVDS Single Port High Speed Repeater
Revised September 2002
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com