Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2LL843SC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2LL843SC
Description  High-drive Two-Channel LVDS Repeater/Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2LL843SC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2LL843SC Datasheet HTML 2Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 3Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 4Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 5Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 6Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 7Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 8Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 9Page - Cypress Semiconductor CY2LL843SC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ComLink™ Series
CY2LL843
Document #: 38-07066 Rev. OBS
Page 6 of 13
V DD=3.30V , Te m p = 25 C
0.100
0.200
0.300
0.400
0.500
20
120
220
320
Fre q (M Hz)
1Y
1Z
2Y
2Z
VDD=3.30V, Temp = 85 C
0.100
0.300
0.500
20
120
220
320
Freq (MHz)
1Y
1Z
2Y
2Z
Figure 4. VOD vs. Frequency
1.250
1.260
1.270
1.280
20
120
220
320
Freq (MHz)
1Y/1Z
2Y/2Z
1.250
1.260
1.270
1.280
20
120
220
320
Freq (MHz)
1Y/1Z
2Y/2Z
Figure 5. VOC(ss) vs. Frequency
VDD=3.30V, Temp = 25 C
0.0
20.0
40.0
60.0
0
100
200
300
400
Freq (MHz)
1Y
1Z
2Y
2Z
VDD-3.30V, Temp = 25 C
0.0
20.0
40.0
60.0
20
120
220
320
Freq (MHz)
1Y
1Z
2Y
2Z
Figure 6. Pulse width vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com