Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9705 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9705
Description  DOUBLE QUAD CONTACT INTERFACE CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9705 Datasheet(HTML) 2 Page - STMicroelectronics

  L9705 Datasheet HTML 1Page - STMicroelectronics L9705 Datasheet HTML 2Page - STMicroelectronics L9705 Datasheet HTML 3Page - STMicroelectronics L9705 Datasheet HTML 4Page - STMicroelectronics L9705 Datasheet HTML 5Page - STMicroelectronics L9705 Datasheet HTML 6Page - STMicroelectronics L9705 Datasheet HTML 7Page - STMicroelectronics L9705 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VSDC
DC Supply Voltage
+26
V
VSP
Peak Transient Supply Voltage (t < 400ms)
+40
V
VCC
Logic Supply Voltage
7
V
IINDC
Input DC Current
+40
mA
IINP
Input Pulse (tp = 0 to 2ms; f< 0.2Hz; n = 25000)
-75 to 50
mA
IOUT
Output Current (VO = 0 to 5.5V)
internally limited
VEN
Enable Input Voltage
VCC +0.3V;-0.3V
V
Ptot
Total Power Dissipation (Tamb =80
°C) DIP 20
SO 20
875
420
mW
mW
Tj
Junction Temperature Range
max150
°C
PIN CONNECTION (top view)
THERMAL DATA
Symbol
Description
DIP20
SO20L
Unit
Rth j-amb
Thermal Resistance Junction-ambient
80
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
165
°C/W
L9705
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com