Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9705 Datasheet (PDF) - STMicroelectronics

L9705 Datasheet PDF - STMicroelectronics
Part # L9705
Download  L9705 Download
File Size   171.27 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DOUBLE QUAD CONTACT INTERFACE CIRCUIT

L9705 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9705 Datasheet PDF - STMicroelectronics

Part # L9705
Download  L9705 Click to download

File Size   171.27 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DOUBLE QUAD CONTACT INTERFACE CIRCUIT

L9705 Datasheet (HTML) - STMicroelectronics


L9705 Product details

DESCRIPTION
The L9705 is a bipolar monolithic integrated circuit for monitoring the status of up to four contacts connected to GND and up to four contacts connected to the battery. The contact sense input supply the contact current and perform the contact resistance comparison function.
At the output the contact status is translated into a logical LOW level (contact closed) or logical HIGH level (contact open).

■ OPERATING DC SUPPLY VOLTAGE RANGE 5V TO 25V
■ SUPPLY OVERVOLTAGE PULSE UP TO 40V
■ VERY LOW STAND-BY QUIESCENT
   CURRENT, MAX 50µA
■ INTERNAL CLAMPING DIODES AT
   CONTACT INPUTS TO Vs AND gnd WITH
   PULSE CURRENT CAPABILITY UP TO
   +50mA, -75mA
■ CHIP ENABLE FUNCTION AND
   TRISTATE OUTPUTS FOR PARALLEL BUS
   CONNECTION
■ NOMINAL CONTACT CURRENTS OF 10mA
   DEFINED WITH EXTERNAL CONTACT
   SERIES RESISTORS RIN1-8
■ CONTACT STATUS MONITORING BY
   MEANS OF COMPARING THE RESISTANCE
   AT CONTACT SENSE INPUTS WITH THE
   INTERNAL REFERENCE RESISTOR VALUE
■ RESISTANCE COMPARING WITH
   HYSTERESIS FOR HIGH NOISE IMMUNITY
   AND IMMUNITY TO GROUND AND BATTERY POTENTIAL DIFFERENCES




Similar Part No. - L9705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
HEX PRECISION LIMITER
Nov-1990
L9700 STMICROELECTRONICS-L9700 Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700DTR-E STMICROELECTRONICS-L9700DTR-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
More results


Similar Description - L9705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESM1600B STMICROELECTRONICS-ESM1600B Datasheet
98Kb / 10P
QUAD COMPARATOR INTERFACE CIRCUIT
Jan-1997
ESM1602B STMICROELECTRONICS-ESM1602B Datasheet
107Kb / 11P
QUAD COMPARATOR INTERFACE CIRCUIT
Jan-1996
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
DOUBLE SCART INTERFACE
May-1996
logo
Level One
LXT944 LVL1-LXT944 Datasheet
1Mb / 26P
Quad Ethernet Interface Adapter
logo
PCA ELECTRONICS INC.
EPE6279S PCA-EPE6279S Datasheet
235Kb / 1P
Quad Interface Filter Module
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
Double Scart Interface IC
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
Double Scart Interface IC
logo
Visual Communications C...
CM210 VCC-CM210 Datasheet
27Kb / 1P
Double Contact Bayonet Base
CM1584 VCC-CM1584 Datasheet
31Kb / 1P
Double Contact Bayonet Base
logo
LinkCom Manufacturing C...
DAL015N301NNN0-00G LINKCOM-DAL015N301NNN0-00G Datasheet
214Kb / 3P
DALI Dry Contact Interface
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com