Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9705 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9705
Description  DOUBLE QUAD CONTACT INTERFACE CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9705 Datasheet(HTML) 5 Page - STMicroelectronics

  L9705 Datasheet HTML 1Page - STMicroelectronics L9705 Datasheet HTML 2Page - STMicroelectronics L9705 Datasheet HTML 3Page - STMicroelectronics L9705 Datasheet HTML 4Page - STMicroelectronics L9705 Datasheet HTML 5Page - STMicroelectronics L9705 Datasheet HTML 6Page - STMicroelectronics L9705 Datasheet HTML 7Page - STMicroelectronics L9705 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The L9705 circuit compares the input current with
the current through the internal reference resistor.
The device is designed to work with an external
input series resistor of RIN1-8 =1K
Ω. With this in-
put resistor the contact current, when the contact
is closed and the device activated (EN =LOW) is:
IIN
=
VS − 2V
1K
Ω
,for GND contacts, (1)
IIN
=
VBAT +∆VBAT − 2V
1K
Ω
, for VBAT contacts, (2)
For this calculation the limit value of the VS to VIN
and VIN saturation voltage of 2V was considered
so that the lowest limit value of IIN is calculated in
(1) and (2)
Figure 4: The output voltage as a function of the input resistance at the corresponding sense input.
The function of the circuit can be demonstrated
with the transfer characteristics, showing the out-
put status as a function of the input resistor RI,
shown in figure 4. The input resistor is a sum of
the RIN and the contact resistance RCON or
RCOFF, for the closed contact:
RI =RIN +RCON, (3)
and for the open contact:
RI =RIN +RCOFF,(4)
The output goes HIGH when the input resistance
increases above 5.3K
Ω (GND contacts) or 6.5KΩ
(VBAT contacts) and goes LOW, when the input
resistance decreases below 4K
Ω (GND contacts)
or 4.8K
Ω (VBAT contacts); these values are typical
values for the switching thresholds. The limit val-
ues of RI = 1.8K
Ω (GND contacts) and RI =
1.8K
Ω (VBAT contacts) for LOW and RI = 20KΩ
(GND contacts) and 29K
Ω (VBAT contacts) for
HIGH implies that a contact with RCON =100
Ω (at
IIN = 10mA) will be recognized as ON = LOW and
a contact with RCOFF = 19K
Ω (GND contacts) or
28K
Ω (VBAT contact) will be recognized as OFF =
HIGH.
These limits are valid within the supply voltage
range 6V < VS < 16V, the ground potential differ-
ence of
∆VGND = 0.1VS, the battery voltage poten-
tial difference of
∆VBAT < 0.1VBAT and the vari-
ation of the reverse battery protection diode D1
voltage from 0.5V to 1V.
The internal clamping diodes at the contact moni-
toring inputs together with the external contacts
series resistors RIN allows to withstand the tran-
sients at the contact connection.The contact se-
ries resistor RIN limits the input current at the tran-
sient.
The dynamic behaviour of the circuit is defined
with the times tdo and tdTS. When the contact is
open, the input capacitor CIN must be charged
through the resistor RIN. In this case the total de-
lay time tdo may be influenced also with the time
constant RINCIN.
The delay time tdTS, when disabling the device, is
defined only with the internal circuitry. In both
cases, output external capacitance less than
50pF is assumed, the internal output capacitance
of the tristate buffers are less than 5pF.
L9705
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com