Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9705 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9705
Description  DOUBLE QUAD CONTACT INTERFACE CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9705 Datasheet(HTML) 4 Page - STMicroelectronics

  L9705 Datasheet HTML 1Page - STMicroelectronics L9705 Datasheet HTML 2Page - STMicroelectronics L9705 Datasheet HTML 3Page - STMicroelectronics L9705 Datasheet HTML 4Page - STMicroelectronics L9705 Datasheet HTML 5Page - STMicroelectronics L9705 Datasheet HTML 6Page - STMicroelectronics L9705 Datasheet HTML 7Page - STMicroelectronics L9705 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FUNCTIONAL DESCRIPTION
The L9705 circuit monitors the status of the con-
tacts which are connected through the series ex-
ternal resistors RIN to the contact sense input
pins. The contacts equivalent circuit is supposed
to be as shown in fig.2 for GND connected con-
tacts (IN 1 to 4) and as shown in fig. 3 for VBAT
connected contacts (IN 5 to 8).
Figure 1: Typical application diagram for the L9705 circuit. The current flowing in the arrow direction is
assumed positive. The external capacitors CIN and COUT represent the total wiring
capacitance at the corresponding pins.
Figure 2: The contact sense input connection with the contact equivalent circuit for GND connected
contacts.
Figure 3: The contact sense input connection with the contact equivalent circuit for VBAT connected
contacts.
L9705
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com