Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9705 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9705
Description  DOUBLE QUAD CONTACT INTERFACE CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9705 Datasheet(HTML) 3 Page - STMicroelectronics

  L9705 Datasheet HTML 1Page - STMicroelectronics L9705 Datasheet HTML 2Page - STMicroelectronics L9705 Datasheet HTML 3Page - STMicroelectronics L9705 Datasheet HTML 4Page - STMicroelectronics L9705 Datasheet HTML 5Page - STMicroelectronics L9705 Datasheet HTML 6Page - STMicroelectronics L9705 Datasheet HTML 7Page - STMicroelectronics L9705 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (VS = 5 to 25V, VCC = 4.75 to 5.25V, Vbat -0.5V < VS,<Vbat -1V ,
Tj = –40 to 150
°C unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VENL
Enable Input Voltage LOW
(device activated)
-0.3
0.8
V
VENH
Enable Input Voltage HIGH
2.4
VCC
V
VENh
Enable Input Threshold
Hysteresis
200
420
800
mV
IEN
Enable Input Current
2.4V < VEN <VCC
0V < VEN < 0.8V
-5
-1
5
µA
µA
VOUTH
Output Voltage HIGH
0 < IOUT < 100
µA4
VCC -0.1
VCC
V
IOUT
Output Current
OUT status = HIGH; VOUT = 0
0.5
2
mA
VOUTL
Output Voltage LOW
IOUT = -1mA
0.05
0.2
0.4
V
IOUT
Output Current
OUT status = LOW; VOUT = 5.5V
-5
-20
mA
IOUT TS
Output Tristate Current
0 < VOUT < VCC
0.5
µA
VIN 1,4
Input Voltage (device active)
EN = LOW; RIN =1K
Ω
VS -2
VS -1.5
VS -0.4
V
VIN 5,8
Input Voltage (device active)
EN = LOW; RIN =1K
Ω
0.4
1.5
2
V
VIN
Input VoltageDuring Clamp
(device disabled)
EN = HIGH; IIN =30mA
IIN = -30mA
VS +0.3
-2
VS +1
-1
VS +2
-0.3
V
V
RIL 1,4
Input Resistor LOW Threshold
(note 1)
5V
< VS <16V; ∆VGND≤ 0.1VS
∆VBAT≤ 0.1VBAT
1.8
4
K
Ω
RIL 5,8
Input Resistor LOW Threshold
(note 1)
5V
< VS <16V; ∆VGND≤ 0.1VS
∆VBAT≤ 0.1VBAT
1.8
4.8
K
Ω
RIH 1,4
Input Resistor HIGH Threshold
(note 1)
5V
< VS < 16V; ∆VGND≤ 0.1VS
∆VBAT≤ 0.1VBAT
5.3
20
K
Ω
RIH 5,8
Input Resistor HIGH Threshold
(note 1)
5V
< VS <16V; ∆VGND≤ 0.1VS
∆VBAT≤ 0.1VBAT
6.5
29
K
Ω
RIL
Input Resistor Threshold Ratio
(note 1)
5V
< VS <16V; ∆VGND≤ 0.1VS
∆VBAT≤ 0.1VBAT
0.65
0.75
0.85
RIH
Input Resistor Threshold Ratio
(note 1)
5V
< VS <16V; ∆VGND≤ 0.1VS
∆VBAT≤ 0.1VBAT
0.65
0.75
0.85
IQC
Quiescent Current
EN = HIGH (tENH >20
µs)
VS = 5 to 16V; Tj = -40 to 85
°C
20
40
µA
IQS
Quiescent Current
all contact open
10
µA
IQS
Quiescent Current
all contact closed
35
µA
ΣIIN (2)
Quiescent Current
∆VBAT≤ 0.1VBAT
25
µA
IQC
Quiescent Current
EN = LOW
5
mA
IQS
Quiescent Current
EN = LOW
8
mA
tdo
Delay Time/Output (EN LOW to
Output Data Ready) (note 3)
COUT
≤ 50pF
15+
3RIN*CIN
µs
tdTS
Delay Time/Tristate (EN HIGH
to Output Tristate) (note 3)
COUT
≤ 50pF
10
µs
tdIO
Delay Time Input-Output (note 3)
EN = LOW; COUT
= 50pF
6
ms
NOTES:
1) The input resistor threshold value is a resistor value from the IN-pin to ground at which the corresponding output changes its status (fig.4)
2)
ΣIIN is the sum of the IN5 to IN8 input currents.
3) The delay times are defined from the crossing point of 50% initiating signal amplitude to the crossing point of 50% output signal amplitude
L9705
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com