Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9705 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9705
Description  DOUBLE QUAD CONTACT INTERFACE CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9705 Datasheet(HTML) 1 Page - STMicroelectronics

  L9705 Datasheet HTML 1Page - STMicroelectronics L9705 Datasheet HTML 2Page - STMicroelectronics L9705 Datasheet HTML 3Page - STMicroelectronics L9705 Datasheet HTML 4Page - STMicroelectronics L9705 Datasheet HTML 5Page - STMicroelectronics L9705 Datasheet HTML 6Page - STMicroelectronics L9705 Datasheet HTML 7Page - STMicroelectronics L9705 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L9705
DOUBLE QUAD CONTACT INTERFACE CIRCUIT
ADVANCE DATA
OPERATING DC SUPPLY VOLTAGE RANGE
5V TO 25V
SUPPLY OVERVOLTAGE PULSE UP TO 40V
VERY LOW STAND-BY QUIESCENT CUR-
RENT, MAX 50
µA
INTERNAL CLAMPING DIODES AT CONTACT
INPUTS TO Vs AND gnd WITH PULSE CUR-
RENT CAPABILITY UP TO +50mA, -75mA
CHIP ENABLE FUNCTION AND TRISTATE
OUTPUTS FOR PARALLEL BUS CONNECTION
NOMINAL CONTACT CURRENTS OF 10mA
DEFINED WITH EXTERNAL CONTACT SE-
RIES RESISTORS RIN1-8
CONTACT
STATUS
MONITORING
BY
MEANS OF COMPARING THE RESISTANCE
AT CONTACT SENSE INPUTS WITH THE IN-
TERNAL REFERENCE RESISTOR VALUE
RESISTANCE COMPARING WITH HYSTER-
ESIS FOR HIGH NOISE IMMUNITY AND IM-
MUNITY TO GROUND AND BATTERY PO-
TENTIAL DIFFERENCES
DESCRIPTION
The L9705 is a bipolar monolithic integrated cir-
cuit for monitoring the status of up to four con-
tacts connected to GND and up to four contacts
connected to the battery. The contact sense input
supply the contact current and perform the con-
tact resistance comparison function.
At the output the contact status is translated into
a logical LOW level (contact closed) or logical
HIGh level (contact open).
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
January 1992
BLOCK DIAGRAM
ORDERING NUMBERS : L9705
DIP 20
SO20L
1/8


Similar Part No. - L9705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
HEX PRECISION LIMITER
Nov-1990
L9700 STMICROELECTRONICS-L9700 Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700DTR-E STMICROELECTRONICS-L9700DTR-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
More results

Similar Description - L9705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESM1600B STMICROELECTRONICS-ESM1600B Datasheet
98Kb / 10P
QUAD COMPARATOR INTERFACE CIRCUIT
Jan-1997
ESM1602B STMICROELECTRONICS-ESM1602B Datasheet
107Kb / 11P
QUAD COMPARATOR INTERFACE CIRCUIT
Jan-1996
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
DOUBLE SCART INTERFACE
May-1996
logo
Level One
LXT944 LVL1-LXT944 Datasheet
1Mb / 26P
Quad Ethernet Interface Adapter
logo
PCA ELECTRONICS INC.
EPE6279S PCA-EPE6279S Datasheet
235Kb / 1P
Quad Interface Filter Module
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
Double Scart Interface IC
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
Double Scart Interface IC
logo
Visual Communications C...
CM210 VCC-CM210 Datasheet
27Kb / 1P
Double Contact Bayonet Base
CM1584 VCC-CM1584 Datasheet
31Kb / 1P
Double Contact Bayonet Base
logo
LinkCom Manufacturing C...
DAL015N301NNN0-00G LINKCOM-DAL015N301NNN0-00G Datasheet
214Kb / 3P
DALI Dry Contact Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com