Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/R Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1689S/R
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S/R Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1689S/R Datasheet HTML 3Page - Dallas Semiconductor DS1689S/R Datasheet HTML 4Page - Dallas Semiconductor DS1689S/R Datasheet HTML 5Page - Dallas Semiconductor DS1689S/R Datasheet HTML 6Page - Dallas Semiconductor DS1689S/R Datasheet HTML 7Page - Dallas Semiconductor DS1689S/R Datasheet HTML 8Page - Dallas Semiconductor DS1689S/R Datasheet HTML 9Page - Dallas Semiconductor DS1689S/R Datasheet HTML 10Page - Dallas Semiconductor DS1689S/R Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DS1689/DS1693
7 of 36
POWER-DOWN/POWER-UP CONSIDERATIONS
The real-time clock function will continue to operate and all of the RAM, time, calendar, and alarm
memory locations remain nonvolatile regardless of the level of the VCCI input. When VCCI is applied to
the DS1689/DS1693 and reaches a level of greater than VPF (power fail trip point), the device becomes
accessible after tREC, provided that the oscillator is running and the oscillator countdown chain is not in
reset (see Register A). This time period allows the system to stabilize after power is applied.
When PSEL is floating or logic 0, the DS1689 is in autosense mode and 3V or 5V operation is
determined based on the voltage on VCCI. Selection of 5V operation is automatically invoked when VCCI
rises above 4.5V for a minimum of tREC. However, 3V operation is automatically selected if VCCI does not
rise above the level of 4.25V. Selection of the power supply input levels requires 150ms of input stability
before operation can commence.
When 5V operation is selected, the device is fully accessible and data can be written and read only when
VCCI is greater than 4.5V. When VCCI is below 4.5V, read and writes are inhibited. However, the
timekeeping function continues unaffected by the lower input voltage. As VCC falls below the greater of
VBAT and VBAUX, the RAM and timekeeper are switched over to a lithium battery connected either to the
VBAT pin or VBAUX pin.
When 3V operation is selected and applied within normal limits, the device is fully accessible and data
can be written or read. When VCCI falls below VPF, access to the device is inhibited. If VPF is less than
VBAT and VBAUX, the power supply is switched from VCCI to the backup supply (the greater of VBAT and
VBAUX) when VCCI drops below VPF. If VPF is greater than VBAT and VBAUX, the power supply is switched
from VCCI to the backup supply when VCCI drops below the larger of VBAT and VBAUX.
When VCC falls below VPF, the chip is write-protected. With the possible exception of the KS, PWR, and
SQW pins, all inputs are ignored and all outputs are in a high impedance state.
RTC ADDRESS MAP
The address map for the RTC registers of the DS1689/DS1693 is shown in Figure 2. The address map
consists of the 14-clock/calendar registers. Ten registers contain the time, calendar, and alarm data, and
four bytes are used for control and status. All registers can be directly written or read except for the
following:
1. Registers C and D are read-only.
2. Bit 7 of Register A is read-only.
3. The high order bit of the seconds byte is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com