Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/R Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS1689S/R
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S/R Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS1689S/R Datasheet HTML 23Page - Dallas Semiconductor DS1689S/R Datasheet HTML 24Page - Dallas Semiconductor DS1689S/R Datasheet HTML 25Page - Dallas Semiconductor DS1689S/R Datasheet HTML 26Page - Dallas Semiconductor DS1689S/R Datasheet HTML 27Page - Dallas Semiconductor DS1689S/R Datasheet HTML 28Page - Dallas Semiconductor DS1689S/R Datasheet HTML 29Page - Dallas Semiconductor DS1689S/R Datasheet HTML 30Page - Dallas Semiconductor DS1689S/R Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
DS1689/DS1693
27 of 36
RTC AC TIMING CHARACTERISTICS—5V
(Over the operating range.)
PARAMETER
SYMBOL
MIN
TYP
MAX UNITS NOTES
Cycle Time
tCYC
305
DC
ns
Pulse Width,
RD/WR Low
PWRWL
125
ns
Pulse Width,
RD/WR High
PWRWH
150
ns
Input Rise and Fall Time
tR, tF
30
ns
Chip-Select Setup Time Before
WR or RD
tCS
20
ns
Chip-Select Hold Time
tCH
0
ns
Read-Data Hold Time
tDHR
10
80
ns
Write-Data Hold Time
tDHW
0
ns
Muxed Address Valid Time to ALE Fall
tASL
30
ns
Muxed Address Hold Time from ALE Fall
tAHL
10
ns
RD or WR High Setup to ALE Rise
tASD
25
ns
Pulse Width, ALE High
PWASH
60
ns
ALE Low Setup to
RD or WR Fall
tASED
40
ns
Output Data Delay Time from
RD
tDDR
20
120
ns
9
Data Setup Time
tDSW
100
ns
IRQ Release from RD
tIRD
2
µs
CEI to CEO Delay
tCED
10
ns
DS1689/DS1693 BUS TIMING FOR WRITE CYCLE TO RTC AND RTC
REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com