Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/R Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS1689S/R
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S/R Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS1689S/R Datasheet HTML 20Page - Dallas Semiconductor DS1689S/R Datasheet HTML 21Page - Dallas Semiconductor DS1689S/R Datasheet HTML 22Page - Dallas Semiconductor DS1689S/R Datasheet HTML 23Page - Dallas Semiconductor DS1689S/R Datasheet HTML 24Page - Dallas Semiconductor DS1689S/R Datasheet HTML 25Page - Dallas Semiconductor DS1689S/R Datasheet HTML 26Page - Dallas Semiconductor DS1689S/R Datasheet HTML 27Page - Dallas Semiconductor DS1689S/R Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
DS1689/DS1693
24 of 36
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………..-0.3V to +7.0V
Storage Temperature Range………………………………………………………………...-40°C to +70°C
Soldering Temperature………………………………………………...260°C for 10 seconds (See Note 18)
Soldering Temperature (Surface Mount)…………………………….See IPC/JEDEC J-STD-020 Standard
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect
reliability.
OPERATING RANGE
RANGE
TEMPERATURE
VCC
Commercial
0°C to +70°C
3V
±10% or 5V ±10%
Industrial
-40ºC to 85ºC
3V
±10% or 5V ±10%
RECOMMENDED DC OPERATING CONDITIONS
(Over the operating range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
5V
VCCI
4.5
5.0
5.5
V
1
Power-Supply Voltage
3V
VCCI
2.7
3.0
4.0
V
1
Input Logic 1
VIH
2.2
VCC + 0.3
V
1
Input Logic 0
VIL
-0.3
+0.6
V
1
Battery Voltage
VBAT
2.5
3.7
V
1
Auxiliary Battery Voltage
VBAUX
2.5
3.7
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com