Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/R Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1689S/R
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S/R Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1689S/R Datasheet HTML 12Page - Dallas Semiconductor DS1689S/R Datasheet HTML 13Page - Dallas Semiconductor DS1689S/R Datasheet HTML 14Page - Dallas Semiconductor DS1689S/R Datasheet HTML 15Page - Dallas Semiconductor DS1689S/R Datasheet HTML 16Page - Dallas Semiconductor DS1689S/R Datasheet HTML 17Page - Dallas Semiconductor DS1689S/R Datasheet HTML 18Page - Dallas Semiconductor DS1689S/R Datasheet HTML 19Page - Dallas Semiconductor DS1689S/R Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
DS1689/DS1693
16 of 36
EXTENDED FUNCTIONS
The extended functions provided by the DS1689/DS1693 that are new to the RAMified RTC family are
accessed via a software-controlled bank-switching scheme, as illustrated in Figure 4. In bank 0, the
clock/calendar registers and 50 bytes of user RAM are in the same locations as for the DS1287. As a
result, existing routines implemented within BIOS, DOS, or application software packages can gain
access to the DS1689/DS1693 clock registers with no changes. Also in bank 0, an extra 64 bytes of RAM
are provided at addresses just above the original locations for a total of 114 directly addressable bytes of
user RAM.
When bank 1 is selected, the clock/calendar registers and the original 50 bytes of user RAM still appear
as bank 0. However, the Dallas registers which provide control and status for the extended functions will
be accessed in place of the additional 64 bytes of user RAM. The major extended functions controlled by
the Dallas registers are listed below:
1. Silicon Revision byte
2. Serial Number
3. 8-Byte Customer Specific ROM or Serial Number
4. Century counter
5. Auxiliary Battery Control/Status
6. Wake-Up
7. Kickstart
8. RAM Clear Control/Status
9. VCC Powered Elapsed Time Counter
10. VBAT Powered Elapsed Time Counter
11. Power-on Cycle Counter
The bank selection is controlled by the state of the DV0 bit in Register A. To access bank 0 the DV0 bit
should be written to 0. To access bank 1, DV0 should be written to 1. Register locations designated as
reserved in the bank 1 map are reserved for future use by Dallas Semiconductor. Bits in these locations
cannot be written and return a 0 if read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com