Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/R Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS1689S/R
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S/R Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS1689S/R Datasheet HTML 8Page - Dallas Semiconductor DS1689S/R Datasheet HTML 9Page - Dallas Semiconductor DS1689S/R Datasheet HTML 10Page - Dallas Semiconductor DS1689S/R Datasheet HTML 11Page - Dallas Semiconductor DS1689S/R Datasheet HTML 12Page - Dallas Semiconductor DS1689S/R Datasheet HTML 13Page - Dallas Semiconductor DS1689S/R Datasheet HTML 14Page - Dallas Semiconductor DS1689S/R Datasheet HTML 15Page - Dallas Semiconductor DS1689S/R Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
DS1689/DS1693
12 of 36
Table 2. Periodic Interrupt Rate and Square-Wave Output Frequency
EXT. REG. B
SELECT BITS REGISTER A
E32K
RS3
RS2
RS1
RS0
tPI PERIODIC
INTERRUPT RATE
SQW OUTPUT
FREQUENCY
0
0
0
0
0
None
None
0
0
0
0
1
3.90625ms
256Hz
0
0
0
1
0
7.8125ms
128Hz
0
0
0
1
1
122.070
µs
8.192kHz
0
0
1
0
0
244.141
µs
4.096kHz
0
0
1
0
1
488.281
µs
2.048kHz
0
0
1
1
0
976.5625
µs
1.024kHz
0
0
1
1
1
1.953125ms
512Hz
0
1
0
0
0
3.90625ms
256Hz
0
1
0
0
1
7.8125ms
128Hz
0
1
0
1
0
15.625ms
64Hz
0
1
0
1
1
31.25ms
32Hz
0
1
1
0
0
62.5ms
16Hz
0
1
1
0
1
125ms
8Hz
0
1
1
1
0
250ms
4Hz
0
1
1
1
1
500ms
2Hz
1
X
X
X
X
(See Note)
32.768kHz
Note: RS3–RS0 determine periodic interrupt rates as listed for E32K = 0.
The third method uses a periodic interrupt to determine if an update cycle is in progress. The UIP bit in
Register A is set high between the setting of the PF bit in Register C (see Figure 3). Periodic interrupts
that occur at a rate of greater than tBUC allow valid time and date information to be reached at each
occurrence of the periodic interrupt. The reads should be complete within (tPI / 2 + tBUC) to ensure that
data is not read during the update cycle.
Figure 3. Update-Ended and Periodic Interrupt Relationship



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com