Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/R Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1689S/R
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S/R Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1689S/R Datasheet HTML 7Page - Dallas Semiconductor DS1689S/R Datasheet HTML 8Page - Dallas Semiconductor DS1689S/R Datasheet HTML 9Page - Dallas Semiconductor DS1689S/R Datasheet HTML 10Page - Dallas Semiconductor DS1689S/R Datasheet HTML 11Page - Dallas Semiconductor DS1689S/R Datasheet HTML 12Page - Dallas Semiconductor DS1689S/R Datasheet HTML 13Page - Dallas Semiconductor DS1689S/R Datasheet HTML 14Page - Dallas Semiconductor DS1689S/R Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
DS1689/DS1693
11 of 36
A pattern of 01X in the DV2, DV1, and DV0, bits respectively, turns the oscillator on and enables the
countdown chain. Note that this is different than the DS1287, which required a pattern of 010 in these
bits. DV0 is now a “don’t care” because it is used for selection between register banks 0 and 1. A pattern
of 11X turns the oscillator on, but the oscillator’s countdown chain is held in reset, as it was in the
DS1287. Any other bit combination for DV2 and DV1 keeps the oscillator off.
PERIODIC INTERRUPT SELECTION
The periodic interrupt causes the
IRQ pin to go to an active state from once every 500ms to once every
122
µs. This function is separate from the alarm interrupt, which can be output from once per second to
once per day. The periodic interrupt rate is selected using the same RS3–RS0 bits in Register A, which
select the square-wave frequency (Table 2). Changing the bits affects both the square-wave frequency and
the periodic interrupt output. However, each function has a separate enable bit in Register B. The SQWE
bit controls the square-wave output. Similarly, the periodic interrupt is enabled by the PIE bit in Register
B. The periodic interrupt can be used with software counters to measure inputs, create output intervals, or
await the next needed software function.
UPDATE CYCLE
The serialized RTC executes an update cycle once per second regardless of the SET bit in Register B.
When the SET bit in Register B is set to 1, the user copy of the double-buffered time, calendar, alarm and
elapsed time byte is frozen and does not update as the time increments. However, the time countdown
chain continues to update the internal copy of the buffer. This feature allows the time to maintain
accuracy independent of reading or writing the time, calendar, and alarm buffers and also guarantees that
time and calendar information is consistent. The update cycle also compares each alarm byte with the
corresponding time byte and issues an alarm if a match or if a “don’t care” code is present in all three
positions.
There are three methods that can handle access of the real-time clock that avoid any possibility of
accessing inconsistent time and calendar data. The first method uses the update-ended interrupt. If
enabled, an interrupt occurs after every up date cycle that indicates that over 999ms are available to read
valid time and date information. If this interrupt is used, the IRQF bit in Register C should be cleared
before leaving the interrupt routine.
A second method uses the update-in-progress bit (UIP) in Register A to determine if the update cycle is in
progress. The UIP bit will pulse once per second. After the UIP bit goes high, the update transfer occurs
244
µs later. If a low is read on the UIP bit, the user has at least 244µs before the time/calendar data will
be changed. Therefore, the user should avoid interrupt service routines that would cause the time needed
to read valid time/calendar data to exceed 244
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com