Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9925 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9925
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9925 Datasheet(HTML) 7 Page - STMicroelectronics

  L9925 Datasheet HTML 1Page - STMicroelectronics L9925 Datasheet HTML 2Page - STMicroelectronics L9925 Datasheet HTML 3Page - STMicroelectronics L9925 Datasheet HTML 4Page - STMicroelectronics L9925 Datasheet HTML 5Page - STMicroelectronics L9925 Datasheet HTML 6Page - STMicroelectronics L9925 Datasheet HTML 7Page - STMicroelectronics L9925 Datasheet HTML 8Page - STMicroelectronics L9925 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
THERMAL PROTECTION
A thermalprotection circuit has been included that
will disable the device if the junction temperature
reaches 150
°C. When the temperature has fallen
to a safe level the device restarts under the con-
trol of the input and enable signals.
APPLICATION INFORMATION
RECIRCULATION
During recirculationwith the ENALBE input high,
the voltage drop across the transistor is RDS(ON).
for voltages less than 0.6V and is clamped at a
voltages depending on the characteristics of the
source-drain diode for greater voltages. Although
the device is protected against cross conduction.
POWER DISSIPATION each bridge
In order to achieve the high performance provided
by the L9925 some attention must be paid t en-
sure that it has an adequate PCB area to dissi-
pate the heat. The forst stage of any thermal de-
sign is to calculate the dissipated power in the
application, for this example the half step opera-
tion shown in Fig. 6 is considered.
RISE TIME TR
When an arm of the half bridge is turned on cur-
rent begins to flow in the inductive load until the
maximum current IL is reached after a time TR,
The dissipated energy EOFF/ON.
EOFF/ON =[RDS(ON)
⋅ IL2 ⋅ TR] ⋅
2
3
ON TIME TON
During this time the energy dissipated is due to
the ON resistance of the transistors EON and the
commutation ECOM. As two of the POWER DMOS
transistors are ON EON is given by:
EON =IL
2
⋅ RDS(ON) ⋅ 2 ⋅ TON
In the commutation the energy dissipated is:
ECON =VS
⋅ IL ⋅ TCOM ⋅ fSWITCH ⋅ TON
Where:
TCOM = Communication Time and it is assumed that:;
TCOM =trise =tfall
≤ 20µs
TSWITCH = Chopper frequency
FALL TIME TF
For this example it is assumed that the energy
dissipated in this part of the cycle takes the same
form as that shown for the rise time:
EOFF/ON =[RDS(ON)
⋅ IL2 ⋅ TF] ⋅
2
3
QUIESCENT ENERGY
The last contribution of the energy dissipation is
due to the quiescrent supply current and is given
by:
EQUIESCENT =IQUIESCENT
⋅ VS ⋅ T
TOTAL ENERGY PER CYCLE
ETOT =(2
⋅ EOFF/ON +EON +ECOM) bridge1+
+(2
⋅ EOFF/ON +EON +ECOM) bridg2 +EQUIESCENT
The total power dissipation PDIS is simply:
PDIS
=
Etot
T
TR = Rise time
TON = ON time
TF = Fall time
TOFF = OFF time
T = Period
T= TR +TON +TF +TOFF
Tswitch
TR
TON
TOFF
TF
IL
D99AT435
Figure 6.
L9925
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com