Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9925 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9925
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9925 Datasheet(HTML) 2 Page - STMicroelectronics

  L9925 Datasheet HTML 1Page - STMicroelectronics L9925 Datasheet HTML 2Page - STMicroelectronics L9925 Datasheet HTML 3Page - STMicroelectronics L9925 Datasheet HTML 4Page - STMicroelectronics L9925 Datasheet HTML 5Page - STMicroelectronics L9925 Datasheet HTML 6Page - STMicroelectronics L9925 Datasheet HTML 7Page - STMicroelectronics L9925 Datasheet HTML 8Page - STMicroelectronics L9925 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond whih damage to the device may occur. Functional
operation under these condition isn’t implied.
For voltages and currents applied externally to the device:
Symbol
Parameter
Value
Unit
VVSDC
Dc Supply Voltage
-0.3 to 26
V
VVSP
Supply Voltage Pulse (T
≤400ms) (1)
40
V
IOUT
DC Output Load Current
±1.2
A
IOUT MAX
DC Output Current: for VOUT > VVS +0.3V or VOUT < -0.3V
the internal DMOS reverse and/or substrate diode become
conductive and the applied current should not exceed the
specified limit.
±1.8
A
VIN1,2
DC Input Voltage
-0.3 to 7
V
VEN
Enable Input Voltage
-0.3 to 7
V
Tstg,Tj
Storage and Junction Temperature
-40 to 150
°C
Ptot
Total Power Dissipation (Tpins =80
°C)
(Tamb =70
°C no copper area on PCB)
(Tamb =70
°C 8cm2 copper area on PCB)
5
1.23
2
W
W
W
(1) Device may be overstressed if pulsed simultaneous with short circuit at one or more of the outputs will be present.
THERMAL DATA
Symbol
Parameter
Value
Unit
TjTS
Thermal Shut-down junction temperature min.
150
°C
TjTSH
Thermal Shut-down thereshold hysteresis typ.
25
°C
Rth j-amb
Thermal Resistance Junction-ambient
(2)
50
°C/W
Rth j-pins
Thermal Resistance Junction-pins
15
°C/W
(2) With 6cm2 on board heat sink area
PGND
IN1
EN1
N.C.
N.C.
GND
OUT1
GND
OUT3
VS2
GND
GND
N.C.
VS1
N.C.
OUT2
IN2
N.C.
1
3
2
4
5
6
7
8
9
26
25
24
23
22
20
21
19
27
10
28
N.C.
N.C.
D88AT424
N.C.
EN2
IN3
IN4
OUT4
N.C.
11
12
13
18
16
17
15
14
PGND
N.C.
PIN CONNECTION
L9925
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com