Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9925 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9925
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9925 Datasheet(HTML) 3 Page - STMicroelectronics

  L9925 Datasheet HTML 1Page - STMicroelectronics L9925 Datasheet HTML 2Page - STMicroelectronics L9925 Datasheet HTML 3Page - STMicroelectronics L9925 Datasheet HTML 4Page - STMicroelectronics L9925 Datasheet HTML 5Page - STMicroelectronics L9925 Datasheet HTML 6Page - STMicroelectronics L9925 Datasheet HTML 7Page - STMicroelectronics L9925 Datasheet HTML 8Page - STMicroelectronics L9925 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (VS = 9 to 16V; Tj = -40 to 150
°C (3), unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IS
Quiescent Current
EN1 = EN2 =0V; Tj =85
°C
200
µA
EN1 = EN2 =5V; Iload = 0A
5
12
mA
Rds
Switch on Resistance
Tj =25
°C; VS = 14V; Io =300mA
0.75
0.8
Tj = 125
°C; VS = 6V; Io =300mA
1.5
1.9
Td-on
Turn-on delay
See Fig 1
10
50
µs
Td-SB
Standby setting time
See Fig 1
50
200
µs
Td-off
Turn-off delay
See Fig 1
10
50
µs
trise
Output rise time (10 to 90%)
See Fig 1
0.5
5
20
µs
tfall
Output fall time (90 to 10%)
See Fig 1
0.5
5
20
µs
ILo
Output leakage current
EN = 0V; Vo =VS or GND
-10
10
mA
INx, ENx
Logic Input Low voltage
-0.3
1.5
V
Logic Input High voltage
3.5
6
V
Hysteresis
0.5
1.0
2.0
V
Ibias
Input bias current
-50
300
µA
The voltage refered to GND and currents are assumed positive, when the current flows into the pin.
(3) Tested up to 125
°C, parameter guaranted by correlation up to 150°C
PIN FUNCTIONS
N.
Name
Function
1
PGND1
Ground for DMOS sources in bridge 1
2
IN1
Digital Input from motor controller for bridge 1
3
EN1
Logic enable/disable for bridge 1 (active high)
4, 5
NC
No connect
6
OUT1
Output of one half of bridge 1
7, 8
GND
Ground
9
OUT3
Output of one half of bridge 2
10, 11
NC
No connect
12
EN2
Logic enable/disable for bridge 2 (active high)
13
IN3
Digital Input from motor controller for bridge 2
14
PGND2
Ground for DMOS sources in bridge 2
15
NC
No connect
16
IN4
Digital Input from motor controller for bridge 2
17
OUT4
Output of one half of bridge 2
18, 19
NC
No connect
20
VS2
Supply Voltage for bridge 2
21, 22
GND
Ground
23
VS1
Supply Voltage for bridge 1
24, 25
NC
No connect
26
OUT2
Output of one half of bridge 1
27
IN2
Digital Input from motor controller for bridge 1
28
NC
No connect
L9925
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com