Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9925 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9925
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9925 Datasheet(HTML) 6 Page - STMicroelectronics

  L9925 Datasheet HTML 1Page - STMicroelectronics L9925 Datasheet HTML 2Page - STMicroelectronics L9925 Datasheet HTML 3Page - STMicroelectronics L9925 Datasheet HTML 4Page - STMicroelectronics L9925 Datasheet HTML 5Page - STMicroelectronics L9925 Datasheet HTML 6Page - STMicroelectronics L9925 Datasheet HTML 7Page - STMicroelectronics L9925 Datasheet HTML 8Page - STMicroelectronics L9925 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
In this condition the dissipated power is ginen by:
PON =RDS(ON)
⋅ IDS2
The low RDS(ON) of the Multipower BCD process
can provide high currents with low power dissipa-
tion.
OFF STATE
When one of the POWER DMOS transistor is
OFF the VDS voltage is equal to the supply volt-
age and only the leakage current IDSS flows.
The power dissipation during this period is given
by:
POFF =VS
⋅ IDSS
TRANSITIONS
Like all MOS power transistors the DMOS
POWER transistors have an intrinsic diode be-
tween their source and drain that can operate as
a fast freewheeling diode in switched mode appli-
cations. During recirculation with the ENABLE in-
put is low, the POWER MOS is OFF and the di-
ode voltage it is clamped to its characteristics.
When the ENABLE input is low, the POWER
MOS is OFF and the diode carries all of the recir-
culation current. The power dissipated in the tran-
sitional times in the cycle depends upon the volt-
age and current waveforms in the application.
Ptrans =IDS(t)
⋅ VDS(t)
Figure 5a. Two phase chopping
Figure 5b. One phase chopping
Figure 5c. Enable chopping
EN
IN1 = H
IN2 = L
EN1 = H
IN1
IN2
D99AT429
EN
IN1 = L
IN2 = H
EN1 = H
IN1
IN2
D99AT430
EN
IN1 = H
IN2 = L
EN1 = H
IN1
IN2
D99AT431
EN
IN1 = H
IN2 = H
EN1 = H
IN1
IN2
D99AT432
EN
IN1 = H
IN2 = L
EN1 = H
IN1
IN2
D99AT433
EN
IN1 = X
IN2 = X
EN1 = L
IN1
IN2
D99AT434
L9925
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com