Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9925 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9925
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9925 Datasheet(HTML) 4 Page - STMicroelectronics

  L9925 Datasheet HTML 1Page - STMicroelectronics L9925 Datasheet HTML 2Page - STMicroelectronics L9925 Datasheet HTML 3Page - STMicroelectronics L9925 Datasheet HTML 4Page - STMicroelectronics L9925 Datasheet HTML 5Page - STMicroelectronics L9925 Datasheet HTML 6Page - STMicroelectronics L9925 Datasheet HTML 7Page - STMicroelectronics L9925 Datasheet HTML 8Page - STMicroelectronics L9925 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Logic Levels
All inputs are positive, non inverting logic
Logic State
Voltage Range
0
-0.3 to 1.5V
1
3.5 to 6.0V
Truth Table
Enable/ Disable
EN1
EN0
Bridge 1
Bridge 2
Iq
0
0
Disabled
Disabled
<200
µA
0
1
Disabled
Enabled
<12mA
1
0
Enabled
Disabled
<12mA
1
1
Enabled
Enabled
<12mA
General Operation
With the bridge enabled, each input INx, maps di-
rectly to the corresponding output OUTx.
The output voltage will be equal to the difference
between the supply rail and the product of the
load current ad the on resistance of the output
switch.Vout =Vsupply -(RDS,ON
⋅ ILOAD).
Sourced load currents are positive.
IN1
OUT1
IN2
OUT2
IN3
OUT3
IN4
OUT4
00
00
000
0
1VS
1VS
1VS
1
VS
tr
tf
tf
tr
10%
tdSB
OUT1
IN2
IN1
EN1
EN2
OUT2
tdSB
tdSB
D99AT425
STANDBY MODE
OPERATING MODE
OVERTEMPERATURE
STANDBY MODE
tdOFF
tdOFF
tdSB
tdON
tdON
90%
50%
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
Figure 1. Timing Diagram
-40
1
2
D99AT426
RON
(
Ω)
VVS=6V
VVS=12V
-20
0
20
40
60
80
100 120 140 160
T(
°C)
Figure 2. Typical RON - Characteristics of Source
and Sink Stage
6
1.5
0.75
0.9
1.9
D99AT427
RON
(
Ω)
max for TJ≤125°C
IOUT1/2=±0.3A
typ. for TJ=25°C
12
16.5
VVS(V)
Figure 3. ON - Resistance vs Supply Voltage
L9925
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com