Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9925 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9925
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9925 Datasheet(HTML) 5 Page - STMicroelectronics

  L9925 Datasheet HTML 1Page - STMicroelectronics L9925 Datasheet HTML 2Page - STMicroelectronics L9925 Datasheet HTML 3Page - STMicroelectronics L9925 Datasheet HTML 4Page - STMicroelectronics L9925 Datasheet HTML 5Page - STMicroelectronics L9925 Datasheet HTML 6Page - STMicroelectronics L9925 Datasheet HTML 7Page - STMicroelectronics L9925 Datasheet HTML 8Page - STMicroelectronics L9925 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Figure 4 shows a typical application diagram for
DC motor driving. To assure the safety of the cir-
cuit in the reverse battery condition a reverse pro-
tetion diode D1 is necessary. The transient pro-
tection diode D2 must assure that themaximum
supply voltage VS during the transients at the
VBAT line will be limited to a value lower than the
absolute maximu ratings for VVSP. The capacities
CB are used to lower VS-EMR and its values de-
pend on the driving load.
The resistance feedback loop realized by Ro lim-
ited to the
µP power supply line by the diode Do
allows open load detection. To protect the device
at the outputs against EMI or ESD > 2KV external
capacitors Cex may be used.
CIRCUIT DESCRIPTION
L9925 is a dual full bridge IC designed to drive
DC motors, stepper motors and other inductive
loads. Eah bridge has 4 power DMOS transistor
with RDSon = 0.75
Ω and the relative protection
and control circuitry (see fig. 5). Tthe 4 half
bridges can be controlled independently by
means of the 4 inputs IN1, IN3, IN4 and 2 enable
inputs ENABLE1 and ENABLE2.
LOGIC DRIVE (true table for the two full bridges)
INPUTS
OUTPUT
MOSFETS
IN1
IN3
IN2
IN4
EN1 = EN2 = H
L
L
H
H
L
H
L
H
Sink 1, Sink2
Sink1, Source2
Source1, Sink2
Source1, Source2
@Tj > 150
°C
X
X
All transistors turned OFF
EN1 = EN2 = L
X
X
All transistors turned OFF
L = Low; H = High; X = Don’t care
CROSS CONDUCTION
The device guarantees the absence of cross-con-
duction by watching internal gate-source voltage
of the driving power DMOS.
TRANSISTOR OPERATION
ON STATE
When one of POWER DMOS transistors is ON it
can be considered as a resistor RDS(ON) = 0.75
at a junction temperature of 25
°C
CHARGE
PUMP
TEMP
OUT1
VS1
OUT2
IN2
PGND1
VS2
OUT3
OUT4
IN1
EN1
GND
EN2
O
O
O
I/O
I/O
I/O
D0
D1
D2
40V
R0
10K
R0
10K
CB
100nF
CB 40V
100
µF
D0
+5V
O
O
IN3
IN4
2nd FULL BRIDGE
1st FULL BRIDGE
5V
REGULATOR
EN1
µP
EN1
EN1
EN2
40V
7V
7V
7V
T1
T1
T2
T2
T1 T2
CHARGE
PUMP
PGND2
D99AT423
CEN
100nF
CEN
100nF
CEX
100nF
CEX
100nF
A
B
STEPPER MOTOR
Figure 4. Application Diagram
L9925
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com