Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SRC8 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE49SRC8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRC8 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE49SRC8 Datasheet HTML 18Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 19Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 20Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 21Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 22Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 23Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 24Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 25Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Table 23
Angle speed value for mode v
α1(+-1000°/s)
SENT/S
PC data
payload
Data
[LSB]
Bitfiel
d bits
D1
D2
D3
D1
Angle
resolutio
n
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
12-Bit
angle
speed
15:4
11 10
9
8
7
6
5
4
3
3
1
0
-
-
-
-
0.488
°/s/LSB
16-Bit
angle
speed
11:0
-
-
-
-
11 10
9
8
7
6
5
4
3
2
1
0
0.488
°/s/LSB
Table 24
Angle speed value for mode v
α2(+-5000°/s)
SENT/SP
C data
payload
Data
[LSB]
Bitfiel
d bits
D1
D2
D3
D1
Angle
resolutio
n
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
12-Bit
angle
speed
15:4
11 10 9
8
7
6
5
4
3
3
1
0
-
-
-
-
2.442
°/s/LSB
16-Bit
angle
speed
11:0
-
-
-
-
11 10 9
8
7
6
5
4
3
2
1
0
2.442
°/s/LSB
Table 25
Angle speed value for mode v
α3(+-4606°/s)
SENT/SP
C data
payload
Data
[LSB]
Bitfiel
d bits
D1
D2
D3
D1
Angle
resolutio
n
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
12-Bit
angle
speed
15:4
15 14 13 12 11 10 9
8
7
6
5
4
-
-
-
-
2.249
°/s/LSB
16-Bit
angle
speed
15:0
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
0.141
°/s/LSB
Table 26
Angle speed value for mode v
α4(+-180000°/s)
SENT/SP
C data
payload
Data
[LSB]
Bitfiel
d bits
D1
D2
D3
D1
Angle
resolutio
n
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
12-Bit
angle
speed
15:4
15 14 13 12 11 10 9
8
7
6
5
4
-
-
-
-
87.89
°/s/LSB
16-Bit
angle
speed
15:0
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
5.493
°/s/LSB
5.2.2.2
SENT Features
Table 27
Structure of SENT status nibble
Bits
Description
[0] LSB
Error indication or sensor reset
[1]
Warning bit (e.g. air gap warning or OV/UV indication)
[2]
Short serial message bit (data bit) or 0 if SSM is disabled 
(table continues...)
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
22
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com