Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SRC8 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE49SRC8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRC8 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE49SRC8 Datasheet HTML 22Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 23Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 24Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 25Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 26Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 27Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 28Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 29Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Table 29
SPC Unit Times
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
SPC unit time
UT
0.75
-
3.0
µs
default 3.0µs, configurable steps (0.75, 1,
1.25,1.5, 2.0, 2.5, 3.0), tolerance given by clock
tolerance
5.2.3.1
SPC Bus Mode
When the sensor is used in bus mode with other sensors on a common SPC line, individual addresses have to be
assigned to each sensor for identification. For the operation of the sensor in a SPC bus mode, it is strongly
recommended that the sensor ID is written into the EEPROM of the sensor, as all sensors are preconfigured with the
default value “ID = 0”.
A corresponding trigger nibble from the microcontroller can address each individual sensor. Each trigger nibble low
time corresponds to an individual sensor address. The total length of the trigger nibble can be selected to be constant
at 90 UT (constant trigger length) or variable (variable trigger length).
5.2.3.2
SPC master trigger pulse
An SPC transmission is initiated by a master trigger pulse on the output pin. To detect a low-level, the voltage must be
below the threshold Vth . The sensor detects that the output line has been released as soon as Vth is crossed. Figure
"SPC Master pulse timing" shows the timing definitions for the master pulse. The master low time tmlow is given
in table "SPC trigger for bus mode". The total trigger time tmtr is given in table "SPC master pulse timing".
SPC
Vth, falling
tmlow
tmtr
Vth, rising
Figure 15
SPC master pulse timing
Table 30
Sensor SPC trigger parameters
Parameter
Symbol
Values
Unit
Note / Test
condition
Min.
Typ.
Max.
Master nibble
low time
tmlow
2
-
5
UT
synchronous m
ode, UT ≥ 1.5
μs
Master nibble
low time
tmlow
2
-
7
UT
synchronous m
ode, UT ≤
1.25
μs
(table continues...)
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
26
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com