Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SRC8 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE49SRC8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRC8 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE49SRC8 Datasheet HTML 4Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 5Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 6Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 7Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 8Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 9Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 10Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 11Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
3.5
Functional range
Table 7
Operating range
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Operating
junction
temperature
TJ
-40
-
140
°C
max. 1000 h at TJ=140°C (not additive);
maximum exposure time at other junction
temperatures shall be calculated using the
Arrhenius-model
Operating
ambient
temperature
TA
-40
-
125
°C
max. 1000 h at TA=125°C (not additive); Grade 1
qualification
Operating
supply voltage
VDD
4.5
-
5.5
V
-
Output pull-up
voltage
Vpull-up
3.0/4.5 -
5.5
V
the 3.3V pull-up voltage is only valid when the
3.3V bus capability bit is set in the EEPROM
Output leakage
current
IOUT Leak
20
-
120
µA
VDD = 5V and 0 < Vpull-up
Supply voltage
slew rate
VDD_slew
0.1
-
108
V/s
the slew rate is the maximum voltage change
per time and relates to the application circuit
Operating
supply current
IDD
4
13.5
16.5
mA
-
Angle range
α
0
-
360
°
-
Angular
resolution
RES
0.022
-
-
°/bit
-
Table 8
Operating magnetic field range
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Operating
magnetic field
Bop
20
-
90
mT
magnetic field based on differential field;
magnetic field component orthogonal to
package surface
Extended
operating
magnetic field
Bop_ext
10
-
20
mT
magnetic field based on differential field;
magnetic field component orthogonal to
package surface. In extended operating range
(between 10 to 20mT) a warning bit is active 1)
1)
In extended range the performances are further degraded due to a reduction of the signal-to-noise ratio and signal-to-offset ratio.
TLE49SR
Datasheet
3 General product characteristics
Datasheet
8
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com