Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SRC8 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE49SRC8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRC8 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE49SRC8 Datasheet HTML 19Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 20Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 21Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 22Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 23Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 24Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 25Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 26Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Table 27
(continued) Structure of SENT status nibble
Bits
Description
[3] MSB
Short serial message bit (start indication) or 0 if SSM is
disabled 
 
Note:
For more information about the warning bit and the error indication bit please consult the TLE49SR user
manual.
Checksum nibble details
The checksum nibble is a 4-bit CRC of the data nibbles. Optionally the status nibble can be included by register
setting. The CRC is calculated using a polynomial x4 +x3 +x2 +1 with a seed value of 0101B. The remainder after the last
data nibble is transmitted as CRC.
 
Short serial message
The short serial message is an additional option which can be enabled and disabled. The short serial message
provides additional information in the status nibble by transmitting an 8 bit temperature value, and a 52 bit user and
sensor ID.
1 short serial message will be constructed out of 16 SENT frames. In each SENT frame, one bit of information is
transmitted in bit [2] of the status nibble and has following structure:
•
4 bit message ID
•
8 bit data
•
4 bit CRC (calculated from message ID and data bits)
The start of the short serial message is indicated by a “1” in bit [3] of the status nibble. For the next 15 frames, this bit
will contain a “0”.
The message ID is used for identification of the type of data received. All data are transmitted in the bit [2] of the
status nibble in the order MSB to LSB.
 
Rolling counter
The rolling counter counts the number of transmitted frames with rollover back to 0 and increment with each
message. This counter is for verification in the ECU that no frame is missed or that no frame is sent repeatedly from
the sensor.
 
Temperature information
The temperature is coded as an 8 bit value. This value is transferred in unsigned integer format and corresponds to
the range between -55°C and +200°C, so a transferred value of 55 corresponds to 0°C. The following table shows the
mapping between junction temperature and the transmitted value.
Table 28
Mapping of temperature value
Junction temperature
Typical decimal value from sensor
Note
-55°C
0 LSB
theoretical lower limit
0°C
55 LSB
-
25°C
80 LSB
-
200°C
255 LSB
theoretical upper limit
 
Pause Pulse
There is an optional pause pulse which can be activated or deactivated via corresponding bits in the register.
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
23
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com