Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SRC8 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE49SRC8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRC8 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE49SRC8 Datasheet HTML 11Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 12Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 13Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 14Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 15Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 16Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 17Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 18Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
5
Specific module descriptions
5.1
Diagnostic functions
5.1.1
Magnetic field out of range
The sensor indicates a magnetic field out of the specified range through a warning bit in the status and
communication nibble.
5.1.2
Under- and overvoltage conditon
Table 17
Undervoltage and overvoltage conditions
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Undervoltage
detection on
VDD
VUV
3.2
-
4.1
V
below this level no protocol is transmitted
Overvoltage
detection on
VDD
VOV
6.5
-
7.35
V
above this level no protocol is transmitted
Undervoltage
reset time
tUV
-
-
50
µs
time below threshold for the sensor to initiate a
safe reaction
Undervoltage
hysteresis
VUV_hyst
300
280
500
mV
-
Overvoltage
hysteresis
VOV_hyst
100
160
300
mV
-
Overvoltage
reaction time
tOV_RT
-
-
50
µs
time to react to overvoltage condition and
disable output
Overvoltage
recovery time
tOV
-
-
50
µs
time after overvoltage condition to enable
protocol output
Undervoltage
reaction time
tUV_RT
-
-
50
µs
time to react to unvervoltage condition, and
disable output
Undervoltage
recovery time
tUV_RT
-
-
50 +
filter
delay
µs
time after undervoltage condition to enable
protocol output
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
15
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com